Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

218 Datasheet (PDF) - Alpha Wire

218 Datasheet PDF - Alpha Wire
Part # 218
Download  218 Download
File Size   168.42 Kbytes
Page   2 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Mini 7/8" Female 5 Pin Field Attachable

218 Datasheet (PDF)

Go To PDF Page Download Datasheet
218 Datasheet PDF - Alpha Wire

Part # 218
Download  218 Click to download

File Size   168.42 Kbytes
Page   2 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Mini 7/8" Female 5 Pin Field Attachable

218 Datasheet (HTML) - Alpha Wire




Similar Part No. - 218

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
218 CTS-218 Datasheet
101Kb / 2P
SMT half pitch DIP switch-Auto placeable
218 CTS-218 Datasheet
763Kb / 2P
SMT Half Pitch DIP Switch-Auto Placeable
logo
Marl International Limi...
218 MARL-218 Datasheet
231Kb / 4P
Direct replacement for E26 (North American Standard)
logo
Littelfuse
218 LITTELFUSE-218 Datasheet
941Kb / 4P
The 218 series fuse is a 5x20mm time-lag glass body cartridge fuse designed to IEC specification
logo
3M Electronics
218 3M-218 Datasheet
559Kb / 5P
3M™ Scotch® Fine Line Tape 218
Dec-2007
More results


Similar Description - 218

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
217KR9-NC032 ALPHAWIRE-217KR9-NC032 Datasheet
168Kb / 2P
Mini 7/8 Female 4 Pin Field Attachable
217KR11-NC032 ALPHAWIRE-217KR11-NC032 Datasheet
168Kb / 2P
Mini 7/8 Female 4 Pin Field Attachable
220LR11-NC032 ALPHAWIRE-220LR11-NC032 Datasheet
173Kb / 2P
Mini 7/8 Male 4 Pin Field Attachable
216 ALPHAWIRE-216 Datasheet
135Kb / 2P
Mini 7/8" Female 3 Pin Field Attachable
217 ALPHAWIRE-217 Datasheet
168Kb / 2P
Mini 7/8" Female 4 Pin Field Attachable
219 ALPHAWIRE-219 Datasheet
173Kb / 2P
Mini 7/8" Male 3 Pin Field Attachable
220 ALPHAWIRE-220 Datasheet
173Kb / 2P
Mini 7/8" Male 4 Pin Field Attachable
221 ALPHAWIRE-221 Datasheet
175Kb / 2P
Mini 7/8" Male 5 Pin Field Attachable
224 ALPHAWIRE-224 Datasheet
199Kb / 2P
Mini 7/8" Male Internal Threads 5 Pin Field Attachable
logo
Lumberg
RKC40-16 LUMBERG-RKC40-16 Datasheet
367Kb / 2P
Mini, 7/8 Field Attachable Connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com