Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3080 Datasheet (PDF) - International Rectifier

IR3080 Datasheet PDF - International Rectifier
Part # IR3080
Download  IR3080 Download
File Size   395.37 Kbytes
Page   21 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description XPHASE VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT

IR3080 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3080 Datasheet PDF - International Rectifier

Part # IR3080
Download  IR3080 Click to download

File Size   395.37 Kbytes
Page   21 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description XPHASE VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT

IR3080 Datasheet (HTML) - International Rectifier


IR3080 Product details

DESCRIPTION
The IR3080 Control IC combined with an IR XPhaseTM Phase IC provides a full featured and flexible way to implement a complete VRD 10 power solution. The “Control” IC provides overall system control and interfaces with any number of “Phase ICs” which each drive and monitor a single phase of a multiphase converter. The XPhaseTM architecture results in a power supply that is smaller, less expensive, and easier to design while providing higher efficiency than conventional approaches.
The IR3080 is intended for desktop applications and includes the VCCVID and VRHOT functions required for proper system operation.

FEATURES
• 6 bit VR10 compatible VID with 0.5% overall system accuracy
• 1 to X phases operation with matching phase ICs
• On-chip 700Ω VID Pull-up resistors with VID pull-up voltage input
• Programmable Dynamic VID Slew Rate
• No Discharge of output capacitors during Dynamic VID step-down (can be disabled)
• +/-300mV Differential Remote Sense
• Programmable 150kHz to 1MHz oscillator
• Programmable VID Offset and Load Line output impedance
• Programmable Softstart
• Programmable Hiccup Over-Current Protection with Delay to prevent false triggering
• Simplified Powergood provides indication of proper operation and avoids false triggering
• Operates from 12V input with 9.1V Under-Voltage Lockout
• 6.8V/5mA Bias Regulator provides System Reference Voltage
• 1.2V @ 150mA VCCVID Linear Regulator with Full Protection
• VCCVID Powergood with Programmable delay gates converter operation
• Programmable Converter Over-Temperature Detection and Output
• Small thermally enhanced 32L MLPQ package




Similar Part No. - IR3080

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3080 IRF-IR3080 Datasheet
2Mb / 41P
XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3080MPBF IRF-IR3080MPBF Datasheet
1Mb / 41P
XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3080MTR IRF-IR3080MTR Datasheet
2Mb / 41P
XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3080MTRPBF IRF-IR3080MTRPBF Datasheet
1Mb / 41P
XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3080PBF IRF-IR3080PBF Datasheet
1Mb / 41P
XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
More results


Similar Description - IR3080

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3080 IRF-IR3080 Datasheet
2Mb / 41P
XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3088A IRF-IR3088A Datasheet
1Mb / 34P
XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3086 IRF-IR3086 Datasheet
417Kb / 15P
PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3088 IRF-IR3088 Datasheet
1Mb / 34P
XPHASE PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3087 IRF-IR3087 Datasheet
1Mb / 35P
XPHASE PHASE IC WITH OPTI-PHASE, OVP, AND OVERTEMP DETECT
IR3080PBF IRF-IR3080PBF Datasheet
1Mb / 41P
XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3086A IRF-IR3086A Datasheet
1Mb / 33P
XPHASETM PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3086APBF IRF-IR3086APBF Datasheet
541Kb / 33P
XPHASE PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3088APBF IRF-IR3088APBF Datasheet
558Kb / 34P
XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3088A IRF-IR3088A_05 Datasheet
1Mb / 33P
XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com