Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB20100CT-20A Datasheet (PDF) - Nanjing International Group Co

MBRB20100CT-20A Datasheet PDF - Nanjing International Group Co
Part # MBRB20100CT-20A
Download  MBRB20100CT-20A Download
File Size   348.53 Kbytes
Page   2 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description 20.0 A Schottky Barrier Rectifier

MBRB20100CT-20A Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRB20100CT-20A Datasheet PDF - Nanjing International Group Co

Part # MBRB20100CT-20A
Download  MBRB20100CT-20A Click to download

File Size   348.53 Kbytes
Page   2 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description 20.0 A Schottky Barrier Rectifier

MBRB20100CT-20A Datasheet (HTML) - Nanjing International Group Co




Similar Part No. - MBRB20100CT-20A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBRB20100CT-1 IRF-MBRB20100CT-1 Datasheet
206Kb / 7P
SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBRB20100CT-13 DIODES-MBRB20100CT-13 Datasheet
369Kb / 6P
20A SCHOTTKY BARRIER RECTIFIER
Rev 3
logo
Vishay Siliconix
MBRB20100CT-1P VISHAY-MBRB20100CT-1P Datasheet
180Kb / 8P
Schottky Rectifier, 2 x 10 A
16-Mar-10
MBRB20100CT-1PBF VISHAY-MBRB20100CT-1PBF Datasheet
180Kb / 8P
Schottky Rectifier, 2 x 10 A
16-Mar-10
MBRB20100CT-1TRLP VISHAY-MBRB20100CT-1TRLP Datasheet
180Kb / 8P
Schottky Rectifier, 2 x 10 A
16-Mar-10
More results


Similar Description - MBRB20100CT-20A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MBRB2045CT-20A DGNJDZ-MBRB2045CT-20A Datasheet
348Kb / 2P
20.0 A Schottky Barrier Rectifier
MBRB2050CT-20A DGNJDZ-MBRB2050CT-20A Datasheet
348Kb / 2P
20.0 A Schottky Barrier Rectifier
MBRB2060CT-20A DGNJDZ-MBRB2060CT-20A Datasheet
348Kb / 2P
20.0 A Schottky Barrier Rectifier
MBRB2080CT-20A DGNJDZ-MBRB2080CT-20A Datasheet
348Kb / 2P
20.0 A Schottky Barrier Rectifier
MBRB20150CT-20A DGNJDZ-MBRB20150CT-20A Datasheet
348Kb / 2P
20.0 A Schottky Barrier Rectifier
MBRB20200CT-20A DGNJDZ-MBRB20200CT-20A Datasheet
348Kb / 2P
20.0 A Schottky Barrier Rectifier
MBRB2035CT-20A DGNJDZ-MBRB2035CT-20A Datasheet
348Kb / 2P
20.0 A Schottky Barrier Rectifier
logo
Zibo Seno Electronic En...
SL20T80L ZSELEC-SL20T80L Datasheet
192Kb / 2P
20.0 A SUPER BARRIER RECTIFIER
SL20T80 ZSELEC-SL20T80_V01 Datasheet
191Kb / 2P
20.0 A SUPER BARRIER RECTIFIER
SB20T80L ZSELEC-SB20T80L_V01 Datasheet
189Kb / 2P
20.0 A SUPER BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com