Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1598 Datasheet (PDF) - Maxim Integrated Products

MAX1598 Datasheet PDF - Maxim Integrated Products
Part # MAX1598
Download  MAX1598 Download
File Size   363.24 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Noise, Low-Dropout, 200mA Linear Regulator

MAX1598 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1598 Datasheet PDF - Maxim Integrated Products

Part # MAX1598
Download  MAX1598 Click to download

File Size   363.24 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Noise, Low-Dropout, 200mA Linear Regulator

MAX1598 Datasheet (HTML) - Maxim Integrated Products


MAX1598 Product details

General Description
The MAX1598 low-noise, low-dropout linear regulator operates from a 2.5V to 6.5V input and delivers up to 200mA. Typical output noise is 30µVRMS, and typical dropout is only 236mV at 200mA. The output voltage is preset to voltages from 2.5V to 5V in 100mV increments.

Features
♦ 200mA Output Current
♦ Low Output Noise: 30µVRMS
♦ Low 55mV Dropout at 50mA Output
♦ Low 85µA No-Load Supply Current
♦ Low 100µA Operating Supply Current, Even in Dropout
♦ Thermal-Overload and Short-Circuit Protection
♦ Reverse Battery Protection
♦ Output Current Limit
♦ Preset Output Voltages
♦ 10nA Logic-Controlled Shutdown

Applications
    Cellular, Cordless, and PCS Phones
    PCMCIA Cards
    Modems
    Hand-Held Instruments
    Palmtop Computers
    Electronic Planners




Similar Part No. - MAX1598

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX159 MAXIM-MAX159 Datasheet
238Kb / 16P
2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1595 MAXIM-MAX1595 Datasheet
350Kb / 8P
Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
19-2107; Rev 1; 8/02
MAX1595 MAXIM-MAX1595 Datasheet
492Kb / 7P
Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
MAX1595 MAXIM-MAX1595 Datasheet
180Kb / 7P
Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 3; 10/11
MAX1595ETC33 MAXIM-MAX1595ETC33 Datasheet
350Kb / 8P
Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
19-2107; Rev 1; 8/02
More results


Similar Description - MAX1598

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8532 MAXIM-MAX8532 Datasheet
280Kb / 8P
Low-Noise, Low-Dropout, 200mA Linear Regulator in UCSP
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Texas Instruments
TPS799XX_0711 TI-TPS799XX_0711 Datasheet
865Kb / 30P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
logo
Linear Technology
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
200mA, Low Noise,Low Dropout Negative Micropower Regulator
logo
Maxim Integrated Produc...
MAX8532 MAXIM-MAX8532_12 Datasheet
315Kb / 8P
Low-Noise, Low-Dropout,200mA Linear Regulator in UCSP
Rev 1; 2/12
logo
Unisonic Technologies
UR132 UTC-UR132_11 Datasheet
192Kb / 4P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Linear Technology
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
200mA, Low Noise, Low Dropout Negative Micropower Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
LOW-DROPOUT 200mA LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6161 FITIPOWER-FP6161 Datasheet
556Kb / 12P
Low Input Voltage, Low-Dropout 200mA Linear Regulator
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com