Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF30H100CT Datasheet (PDF) - Vishay Siliconix

MBRF30H100CT Datasheet PDF - Vishay Siliconix
Part # MBRF30H100CT
Download  MBRF30H100CT Download
File Size   81.65 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Voltage Dual Schottky Rectifiers

MBRF30H100CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRF30H100CT Datasheet PDF - Vishay Siliconix

Part # MBRF30H100CT
Download  MBRF30H100CT Click to download

File Size   81.65 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High-Voltage Dual Schottky Rectifiers

MBRF30H100CT Datasheet (HTML) - Vishay Siliconix


MBRF30H100CT Product details

Dual Common Cathode High Voltage Schottky Rectifier
High Barrier Technology for Improved High Temperature Performance

FEATURES
• Power pack
• Guardring for overvoltage protection
• Low power loss, high efficiency
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak of 245 °C (for TO-263AB package)
• Solder bath temperature 275 °C maximum, 10 s, per JESD 22-B106 (for TO-220AB and ITO-220AB package)
• AEC-Q101 qualified
• Material categorization: For definitions of compliance please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode power supplies, freewheeling diodes, DC/DC converters, and polarity protection application.




Similar Part No. - MBRF30H100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRF30H100CT VISHAY-MBRF30H100CT Datasheet
159Kb / 5P
Dual Common-Cathode High-Voltage Schottky Rectifier
19-May-08
logo
Kersemi Electronic Co.,...
MBRF30H100CT KERSEMI-MBRF30H100CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H100CT KERSEMI-MBRF30H100CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H100CT KERSEMI-MBRF30H100CT Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Inchange Semiconductor ...
MBRF30H100CT ISC-MBRF30H100CT Datasheet
262Kb / 2P
Schottky Barrier Rectifier
More results


Similar Description - MBRF30H100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR20H100CT VISHAY-MBR20H100CT Datasheet
159Kb / 3P
Dual High-Voltage Schottky Rectifiers
03-Sep-04
MBR60100CT VISHAY-MBR60100CT Datasheet
79Kb / 2P
Dual High-Voltage Schottky Rectifiers
10-May-04
MBR20100CT VISHAY-MBR20100CT Datasheet
113Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jul-02
MBR30H90 VISHAY-MBR30H90 Datasheet
65Kb / 2P
High-Voltage Dual Schottky Rectifiers
02-Jul-02
MBR30H150CT1 VISHAY-MBR30H150CT1 Datasheet
88Kb / 3P
Dual High-Voltage Schottky Rectifiers
24-Dec-03
MBRB10H100CT VISHAY-MBRB10H100CT Datasheet
78Kb / 3P
Dual High-Voltage Schottky Rectifiers
24-Apr-03
MBR20H100CT VISHAY-MBR20H100CT Datasheet
159Kb / 3P
Dual High-Voltage Schottky Rectifiers
03-Sep-04
MBRB25H60CT VISHAY-MBRB25H60CT Datasheet
95Kb / 3P
Dual High-Voltage Schottky Rectifiers
7-May-03
MBR20H200CT VISHAY-MBR20H200CT Datasheet
66Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jun-04
MBR20H150CT VISHAY-MBR20H150CT Datasheet
76Kb / 3P
Dual High-Voltage Schottky Rectifiers
24-Dec-03
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com