Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1117S30TR Datasheet (PDF) - STMicroelectronics

LD1117S30TR Datasheet PDF - STMicroelectronics
Part # LD1117S30TR
Download  LD1117S30TR Download
File Size   473.31 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS

LD1117S30TR Datasheet (PDF)

Go To PDF Page Download Datasheet
LD1117S30TR Datasheet PDF - STMicroelectronics

Part # LD1117S30TR
Download  LD1117S30TR Click to download

File Size   473.31 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS

LD1117S30TR Datasheet (HTML) - STMicroelectronics


LD1117S30TR Product details

Description
The LD1117 is a LOW DROP Voltage Regulator able to provide up to 800mA of Output Current, available even in adjustable version (Vref=1.25V). Concerning fixed versions, are offered the following Output Voltages: 1.2V,1.8V,2.5V,2.85V, 3.0V 3.3V and 5.0V. The 2.85V type is ideal for SCSI-2 lines active termination.
   
Feature summary
■ Low dropout voltage (1V TYP.)
■ 2.85V Device performances are suitable for
    SCSI-2 active termination
■ Output current up to 800 mA
■ Fixed output voltage of: 1.2V, 1.8V, 2.5V,
    2.85V, 3.0V, 3.3V, 5.0V
■ Adjustable version availability (Vrel=1.25V)
■ Internal current and thermal limit
■ Available in ± 1% (at 25°C) and 2% in full
    temperature range
■ Supply voltage rejection: 75dB (typ.)
   




Similar Part No. - LD1117S30TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1117S30TR STMICROELECTRONICS-LD1117S30TR Datasheet
1Mb / 42P
Adjustable and fixed low drop positive voltage regulator
22-Mar-2010
More results


Similar Description - LD1117S30TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLD1117A UTC-UTCLD1117A Datasheet
148Kb / 12P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Wuxi Youda electronics ...
YD1117 YOUDA-YD1117 Datasheet
84Kb / 6P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LD1117 UTC-LD1117_05 Datasheet
344Kb / 12P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117E UTC-LD1117E Datasheet
406Kb / 13P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD2117A UTC-LD2117A Datasheet
364Kb / 11P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
UR233 UTC-UR233_11 Datasheet
293Kb / 10P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD2127 UTC-LD2127 Datasheet
210Kb / 6P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR233 ETL-UR233 Datasheet
323Kb / 10P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117_A ETL-LD1117_A Datasheet
663Kb / 15P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117ADT33 STMICROELECTRONICS-LD1117ADT33 Datasheet
730Kb / 24P
Low drop fixed and adjustable positive voltage regulators
24-Jul-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com