Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE686 Datasheet (PDF) - NEC

NE686 Datasheet PDF - NEC
Part # NE686
Download  NE686 Download
File Size   140.52 Kbytes
Page   11 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR

NE686 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE686 Datasheet PDF - NEC

Part # NE686
Download  NE686 Click to download

File Size   140.52 Kbytes
Page   11 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR

NE686 Datasheet (HTML) - NEC


NE686 Product details

DESCRIPTION
The NE686 series of NPN epitaxial silicon transistors are designed for low voltage/low current, amplifier and oscillator applications. NE686s high fT make it an excellent choice for portable wireless applications up to 5 GHz. The NE686 die is available in six different low cost plastic surface mount package styles.

FEATURES
• HIGH GAIN BANDWIDTH PRODUCT: fT of 15 GHz
• LOW VOLTAGE/LOW CURRENT OPERATION
• HIGH INSERTION POWER GAIN:
   |S21E|2 = 12 dB @ 2 V, 7 mA, 2 GHz
   |S21E|2 = 11 dB @ 1 V, 5 mA, 2 GHz
• LOW NOISE: 1.5 dB AT 2.0 GHz
• AVAILABLE IN SIX LOW COST PLASTIC SURFACE
   MOUNT PACKAGE STYLES




Similar Part No. - NE686

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE686 CEL-NE686 Datasheet
258Kb / 12P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE68618-T1-A CEL-NE68618-T1-A Datasheet
258Kb / 12P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE68619-T1-A CEL-NE68619-T1-A Datasheet
258Kb / 12P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE68630-T1 CEL-NE68630-T1 Datasheet
258Kb / 12P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE68633-T1 CEL-NE68633-T1 Datasheet
258Kb / 12P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Similar Description - NE686

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5583 MOTOROLA-MRF5583 Datasheet
67Kb / 4P
SURFACE MOUNT HIGH-FREQUENCY TRANSISTOR PNP SILICON
logo
NEC
NE685 NEC-NE685 Datasheet
176Kb / 17P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE687 NEC-NE687 Datasheet
196Kb / 21P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE688 NEC-NE688 Datasheet
231Kb / 19P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE685 CEL-NE685 Datasheet
354Kb / 18P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE686 CEL-NE686 Datasheet
258Kb / 12P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE687 CEL-NE687 Datasheet
314Kb / 22P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
NE688 CEL-NE688 Datasheet
347Kb / 20P
SURFACE MOUNT NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CXT5551HC CENTRAL-CXT5551HC_10 Datasheet
289Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT853 CENTRAL-CZT853_10 Datasheet
535Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com