Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1872A Datasheet (PDF) - STMicroelectronics

TS1872A Datasheet PDF - STMicroelectronics
Part # TS1872A
Download  TS1872A Download
File Size   1589.32 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.8 V input/output, rail-to-rail, low power operational amplifiers

TS1872A Datasheet (PDF)

Go To PDF Page Download Datasheet
TS1872A Datasheet PDF - STMicroelectronics

Part # TS1872A
Download  TS1872A Click to download

File Size   1589.32 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.8 V input/output, rail-to-rail, low power operational amplifiers

TS1872A Datasheet (HTML) - STMicroelectronics


TS1872A Product details

Description
The TS187x (single, dual and quad) device can operate with voltages as low as 1.8 V. They feature both input and output rail-to-rail. The common mode input voltage extends 200 mV beyond the supply voltages at 25 °C, while the output voltage swing is within 100 mV of each rail with a 600 Ω load resistor. The devices consume typically 400 µA per channel while offering 1.6 MHz of gain bandwidth product. The amplifiers provide a high output drive capability at typically 65 mA loads. These features make the TS187x family ideal for sensor interface, battery supplied and portable applications.

Features
■ Operating range from VCC = 1.8 to 6 V
■ Rail-to-rail input and output
■ Extended Vicm (VCC- - 0.2 V to VCC+ + 0.2 V)
■ Low supply current (400 µA)
■ Gain bandwidth product (1.6 MHz)
■ High unity gain stability
■ ESD tolerance (2 kV)
■ Latch-up immunity
■ Available in – SOT23-5 micropackage – MiniSO-8, SO-8, SO-14 – TSSOP8, TSSOP14 package

Applications
■ Battery powered applications (toys)
■ Portable communication devices (cell phones)
■ Audio drivers (headphone drivers)
■ Laptop/notebook computers




Similar Part No. - TS1872A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS1872AI STMICROELECTRONICS-TS1872AI Datasheet
73Kb / 10P
1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Mar-2000
TS1872AID STMICROELECTRONICS-TS1872AID Datasheet
428Kb / 27P
1.8V input/output rail-to-rail Low power operational amplifiers
21-May-2007
TS1872AID STMICROELECTRONICS-TS1872AID Datasheet
427Kb / 26P
1.8V input/output rail-to-rail low power operational amplifiers
17-Jan-2008
TS1872AIDT STMICROELECTRONICS-TS1872AIDT Datasheet
427Kb / 26P
1.8V input/output rail-to-rail low power operational amplifiers
17-Jan-2008
TS1872AIN STMICROELECTRONICS-TS1872AIN Datasheet
428Kb / 27P
1.8V input/output rail-to-rail Low power operational amplifiers
21-May-2007
More results


Similar Description - TS1872A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Aug-1999
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
4/03-Data Sheet changed from REV. A to REV. B.
logo
Texas Instruments
LMV931 TI-LMV931 Datasheet
725Kb / 26P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
Analog Devices
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
Low-Power Rail-to-Rail Input/Output Operational Amplifiers
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV316-Q1 TI1-TLV316-Q1 Datasheet
1Mb / 31P
10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
1.8 V input/output, rail-to-rail, low power operational amplifiers
12-Mar-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com