Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4621E Datasheet (PDF) - STMicroelectronics

TS4621E Datasheet PDF - STMicroelectronics
Part # TS4621E
Download  TS4621E Download
File Size   1606.74 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-performance class-G stereo headphone amplifier with I2C volume control

TS4621E Datasheet (PDF)

Go To PDF Page Download Datasheet
TS4621E Datasheet PDF - STMicroelectronics

Part # TS4621E
Download  TS4621E Click to download

File Size   1606.74 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-performance class-G stereo headphone amplifier with I2C volume control

TS4621E Datasheet (HTML) - STMicroelectronics


TS4621E Product details

Description
The TS4621E is a class-G stereo headphone driver dedicated to high audio performance, high power efficiency and space-constrained applications. It is based on the core technology of a low power dissipation amplifier combined with a highefficiency buck converter for supplying this amplifier. When powered by a battery, the buck converter generates the appropriate voltage to the amplifier depending on the amplitude of the audio signal to supply the headsets. It achieves a total 2.1 mA current consumption at 100 µW output power (10 dB crest factor). THD+N is 0.02% maximum at 1 kHz and PSRR is 100 dB at 217 Hz, which ensures a high audio quality of the device in a wide range of environments. The traditionally bulky output coupling capacitors can be removed. A dedicated common-mode sense pin removes parasitic ground noise. The TS4621E is designed to be used with an output serial resistor. It ensures unconditional stability over a wide range of capacitive loads. The TS4621E is packaged in a tiny 16-bump flip-chip package with a pitch of 400 µm. TS4621EIJT - flip-chip Balls are underneath Pinout (top view) AVDD SW INLC1 CMS SDA AGND C2 HPVDD VOUTL VOUTR INL+ INR+ PVSS SCL INR4 3 2 1 A B C D AVDD SW INLC1 CMS SDA AGND C2 HPVDD VOUTL VOUTR INL+ INR+ PVSS SCL INR4 3 2 1 A B C D

Features
■ Power supply range: 2.3 V to 4.8 V
■ 0.6 mA/channel quiescent current
■ 2.1 mA current consumption with 100 µW/channel (10 dB crest factor)
■ 0.006% typical THD+N at 1 kHz
■ 100 dB typical PSRR at 217 Hz
■ 100 dB of SNR A-weighted at G = 0 dB
■ Zero pop and click
■ I2C interface for volume control
■ Digital volume control range from -60 dB to +4 dB
■ Independent right and left channel shutdown control
■ Integrated high-efficiency buck converter
■ Low software standby current: 5 µA max
■ Output-coupling capacitors removed

Applications
■ Cellular phones, smart phones
■ Mobile internet devices
■ PMP/MP3 players




Similar Part No. - TS4621E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4621B STMICROELECTRONICS-TS4621B Datasheet
2Mb / 48P
High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
TS4621BEIJT STMICROELECTRONICS-TS4621BEIJT Datasheet
2Mb / 48P
High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
TS4621ML STMICROELECTRONICS-TS4621ML Datasheet
2Mb / 40P
High-performance class-G stereo headphone amplifier
07-May-2011
More results


Similar Description - TS4621E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 23P
Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Rev 1; 11/05
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6140A2 TI-TPA6140A2 Datasheet
785Kb / 27P
CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
National Semiconductor ...
LM48824 NSC-LM48824 Datasheet
1Mb / 28P
Class G Headphone Amplifier with I2C Volume Control
logo
STMicroelectronics
TS4621ML STMICROELECTRONICS-TS4621ML Datasheet
2Mb / 40P
High-performance class-G stereo headphone amplifier
07-May-2011
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
LM48824 TI1-LM48824 Datasheet
1Mb / 29P
Class G Headphone Amplifier with I2C Volume Control
logo
STMicroelectronics
A22H165 STMICROELECTRONICS-A22H165 Datasheet
2Mb / 36P
High-performance class-G stereo headphone amplifier
06-Mar-2014
TS4621B STMICROELECTRONICS-TS4621B Datasheet
2Mb / 48P
High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com