Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV854 Datasheet (PDF) - STMicroelectronics

TSV854 Datasheet PDF - STMicroelectronics
Part # TSV854
Download  TSV854 Download
File Size   805.79 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-power, high-accuracy, general-purpose operational amplifier

TSV854 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSV854 Datasheet PDF - STMicroelectronics

Part # TSV854
Download  TSV854 Click to download

File Size   805.79 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-power, high-accuracy, general-purpose operational amplifier

TSV854 Datasheet (HTML) - STMicroelectronics


TSV854 Product details

Description
The TSV85x, TSV85xA series of single, dual, and quad operational amplifiers offer low voltage operation with a rail-to-rail output swing. The TSV85x, TSV85xA series outperforms the industry standard LMV321, proposing lower supply voltage capability, enhanced input offset voltage, and smaller packages. The devices are offered with either industry standard pinouts or with a power-saving shutdown feature that reduces the supply current to a maximum of 50 nA at 25 °C. The wide temperature range, high ESD tolerance, and automotive grade qualification ease the use in harsh automotive applications. TSSOP14 SO14 SC70-5 DFN8 2x2 MiniSO8 SOT23-5 MiniSO10 SOT23-6 TSSOP16 SO8 QFN16 3x3

Features
■ Low power consumption: 180 µA max at 5 V
■ Low power shutdown mode: 50 nA max
■ Low offset voltage: 0.8 mV max at 25 °C
■ Tiny packages
■ Extended temperature range: -40 °C to 125 °C
■ Low supply voltage: 2.3 V - 5.5 V
■ Gain bandwidth product: 1.3 MHz
■ Automotive qualification Benefits
■ Longer lifetime in battery-powered applications
■ Higher accuracy without calibration
■ Smaller form factor than equivalent competitor devices
■ Application performances guaranteed over wide temperature ranges Related products
■ See LMV82x series for higher gain bandwidth product (5.5 MHz)

Applications
■ Battery-powered applications
■ Portable devices
■ Automotive signal conditioning
■ Active filtering
■ Medical instrumentation




Similar Part No. - TSV854

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSV854AIDT ETC2-TSV854AIDT Datasheet
1,016Kb / 31P
Low-power, high-accuracy, general-purpose operational amplifier
TSV854AIPT ETC2-TSV854AIPT Datasheet
1,016Kb / 31P
Low-power, high-accuracy, general-purpose operational amplifier
TSV854IDT ETC2-TSV854IDT Datasheet
1,016Kb / 31P
Low-power, high-accuracy, general-purpose operational amplifier
TSV854IPT ETC2-TSV854IPT Datasheet
1,016Kb / 31P
Low-power, high-accuracy, general-purpose operational amplifier
TSV854IQ4T ETC2-TSV854IQ4T Datasheet
1,016Kb / 31P
Low-power, high-accuracy, general-purpose operational amplifier
More results


Similar Description - TSV854

ManufacturerPart #DatasheetDescription
logo
NEC
UPC741 NEC-UPC741 Datasheet
296Kb / 10P
GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
MA741 PHILIPS-MA741 Datasheet
102Kb / 7P
General purpose operational amplifier
1994 Aug 31
MC1458 PHILIPS-MC1458 Datasheet
100Kb / 6P
General purpose operational amplifier
August 31, 1994
logo
Analog Devices
OP02 AD-OP02 Datasheet
355Kb / 8P
General - Purpose Operational Amplifier
logo
Texas Instruments
UA702M TI-UA702M Datasheet
193Kb / 4P
GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Raytheon Company
RC4741 RAYTHEON-RC4741 Datasheet
320Kb / 7P
General Purpose Operational Amplifier
logo
STMicroelectronics
LMV822AIST STMICROELECTRONICS-LMV822AIST Datasheet
873Kb / 32P
Low power, high accuracy, general-purpose operational amplifier
29-Jan-2013
logo
List of Unclassifed Man...
TSV854IQ4T ETC2-TSV854IQ4T Datasheet
1,016Kb / 31P
Low-power, high-accuracy, general-purpose operational amplifier
logo
Analog Devices
AD540 AD-AD540_15 Datasheet
1Mb / 4P
HIGH ACCURACY LOW COST FET INPUT OPERATIONAL AMPLIFIER
AD101A AD-AD101A_15 Datasheet
1Mb / 4P
GENERAL PURPOSE LOW COST IC OPERATIONAL AMPLIFIER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com