Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLK-89 Datasheet (PDF) - Mini-Circuits

BLK-89 Datasheet PDF - Mini-Circuits
Part # BLK-89
Download  BLK-89 Download
File Size   75.35 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Coaxial DC Block SMA 0.0001 to 8 GHz

BLK-89 Datasheet (PDF)

Go To PDF Page Download Datasheet
BLK-89 Datasheet PDF - Mini-Circuits

Part # BLK-89
Download  BLK-89 Click to download

File Size   75.35 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Coaxial DC Block SMA 0.0001 to 8 GHz

BLK-89 Datasheet (HTML) - Mini-Circuits




Similar Part No. - BLK-89

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BLK-89 MINI-BLK-89 Datasheet
149Kb / 1P
DC Block SMA
BLK-89+ MINI-BLK-89+ Datasheet
78Kb / 1P
DC Block SMA
BLK-89+ MINI-BLK-89+ Datasheet
149Kb / 1P
DC Block SMA
BLK-89-S MINI-BLK-89-S Datasheet
135Kb / 1P
DC Block SMA
REV. E
BLK-89 MINI-BLK-89_15 Datasheet
149Kb / 1P
DC Block SMA
More results


Similar Description - BLK-89

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BLK-18 MINI-BLK-18 Datasheet
43Kb / 1P
Coaxial DC Block 0.01 to 18 GHz
logo
Filtronic Compound Semi...
6706 FILTRONIC-6706 Datasheet
159Kb / 4P
PHASE SHIFTER DC TO 2,4 AND 8 GHZ, COAXIAL
logo
API Technologies Corp
6808 APITECH-6808 Datasheet
213Kb / 4P
DC TO 2, 4 AND 8 GHz, COAXIAL
6806 APITECH-6806 Datasheet
213Kb / 4P
DC TO 2, 4 AND 8 GHz, COAXIAL
6709 APITECH-6709 Datasheet
73Kb / 2P
DC TO 1 GHz, COAXIAL
6708 APITECH-6708 Datasheet
175Kb / 3P
DC TO 2, 4 AND 8 GHz, COAXIAL
6707 APITECH-6707 Datasheet
213Kb / 4P
DC TO 2, 4 AND 8 GHz, COAXIAL
6706 APITECH-6706 Datasheet
145Kb / 4P
DC TO 2, 4 AND 8 GHz, COAXIAL
6704 APITECH-6704 Datasheet
175Kb / 3P
DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
logo
Mini-Circuits
BLK-18W MINI-BLK-18W Datasheet
170Kb / 1P
DC Block SMA-M to SMA-F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com