Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA01C18-L Datasheet (PDF) - Artesyn Technologies

ATA01C18-L Datasheet PDF - Artesyn Technologies
Part # ATA01C18-L
Download  ATA01C18-L Download
File Size   395.98 Kbytes
Page   2 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Efficiency up to 86%

ATA01C18-L Datasheet (PDF)

Go To PDF Page Download Datasheet
ATA01C18-L Datasheet PDF - Artesyn Technologies

Part # ATA01C18-L
Download  ATA01C18-L Click to download

File Size   395.98 Kbytes
Page   2 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Efficiency up to 86%

ATA01C18-L Datasheet (HTML) - Artesyn Technologies




Similar Part No. - ATA01C18-L

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
ATA010A0X3 LINEAGEPOWER-ATA010A0X3 Datasheet
691Kb / 19P
8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
ATA010A0X3-SR LINEAGEPOWER-ATA010A0X3-SR Datasheet
705Kb / 21P
8.3 - 14.0 Vdc Input; 0.75Vdc to 5.5Vdc Output; 10A output current
ATA010A0X3-SRZ LINEAGEPOWER-ATA010A0X3-SRZ Datasheet
705Kb / 21P
8.3 - 14.0 Vdc Input; 0.75Vdc to 5.5Vdc Output; 10A output current
ATA010A0X3Z LINEAGEPOWER-ATA010A0X3Z Datasheet
691Kb / 19P
8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
ATA010A0X43 LINEAGEPOWER-ATA010A0X43 Datasheet
691Kb / 19P
8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 10A output current
More results


Similar Description - ATA01C18-L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP101 TI1-TFP101_14 Datasheet
547Kb / 21P
Supports XGA Resolution (Output Pixel Rates Up to 86 MHz)
logo
Alpha & Omega Semicondu...
AOZ1110QI AOSMD-AOZ1110QI Datasheet
681Kb / 16P
Efficiency up to 95%
logo
Total Power Internation...
MPW2000 TOTAL-POWER-MPW2000 Datasheet
435Kb / 8P
Efficiency up to 89%
logo
Arch Electronics Corp.
AQC100_SERIES ARCH-AQC100_SERIES Datasheet
291Kb / 4P
High Efficiency up to 93% Typical
AQF100O_SERIES ARCH-AQF100O_SERIES Datasheet
338Kb / 5P
High Efficiency up to 93% Typical
AQF120U_SERIES ARCH-AQF120U_SERIES Datasheet
355Kb / 5P
High Efficiency up to 93%
logo
Recom International Pow...
RB-E RECOM-RB-E Datasheet
95Kb / 2P
High Efficiency up to 84% Full Load
RO-E RECOM-RO-E Datasheet
90Kb / 2P
High Efficiency up to 84%
R-78B-2.0 RECOM-R-78B-2.0 Datasheet
401Kb / 5P
Efficiency Up To 96%, No Heatsinks Required
logo
Delta Electronics, Inc.
T48SR05005 DELTA-T48SR05005 Datasheet
439Kb / 12P
High efficiency : 86% @ 5V/5A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com