Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFTC-16 Datasheet (PDF) - Mini-Circuits

HFTC-16 Datasheet PDF - Mini-Circuits
Part # HFTC-16
Download  HFTC-16 Download
File Size   123.15 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Ceramic High Pass Filter 1900 to 2700 MHz

HFTC-16 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFTC-16 Datasheet PDF - Mini-Circuits

Part # HFTC-16
Download  HFTC-16 Click to download

File Size   123.15 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Ceramic High Pass Filter 1900 to 2700 MHz

HFTC-16 Datasheet (HTML) - Mini-Circuits




Similar Part No. - HFTC-16

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
HFTC-19 MINI-HFTC-19 Datasheet
130Kb / 1P
Ceramic High Pass Filter 2300 to 5500 MHz
More results


Similar Description - HFTC-16

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
HFCN-740 MINI-HFCN-740 Datasheet
117Kb / 1P
Ceramic High Pass Filter 900 to 2800 MHz
HFCN-880 MINI-HFCN-880 Datasheet
117Kb / 1P
Ceramic High Pass Filter 1060 to 3200 MHz
HFCN-1200 MINI-HFCN-1200 Datasheet
118Kb / 1P
Ceramic High Pass Filter 1340 to 4600 MHz
HFCN-1320 MINI-HFCN-1320 Datasheet
117Kb / 1P
Ceramic High Pass Filter 1700 to 5000 MHz
HFCN-1500 MINI-HFCN-1500 Datasheet
118Kb / 1P
Ceramic High Pass Filter 1700 to 6300 MHz
HFCN-1760 MINI-HFCN-1760 Datasheet
118Kb / 1P
Ceramic High Pass Filter 2100 to 5500 MHz
HFCN-1810 MINI-HFCN-1810 Datasheet
117Kb / 1P
Ceramic High Pass Filter 2250 to 4750 MHz
HFCN-1910 MINI-HFCN-1910 Datasheet
118Kb / 1P
Ceramic High Pass Filter 2200 to 5200 MHz
HFCN-2000 MINI-HFCN-2000 Datasheet
118Kb / 1P
Ceramic High Pass Filter 2410 to 6250 MHz
HFTC-26 MINI-HFTC-26 Datasheet
98Kb / 1P
Ceramic High Pass Filter 3000 to 7000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com