Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS360-M Datasheet (PDF) - Artesyn Technologies

LPS360-M Datasheet PDF - Artesyn Technologies
Part # LPS360-M
Download  LPS360-M Download
File Size   852.51 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Adjustable main output

LPS360-M Datasheet (PDF)

Go To PDF Page Download Datasheet
LPS360-M Datasheet PDF - Artesyn Technologies

Part # LPS360-M
Download  LPS360-M Click to download

File Size   852.51 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Adjustable main output

LPS360-M Datasheet (HTML) - Artesyn Technologies


LPS360-M Product details

SPECIAL FEATURES
■ Medical and ITE safeties
■ Active power factor correction
■ 3” x 5” footprint
■ Less than 1U high
■ EN61000-3-2 compliant
■ Remote sense
■ Power fail
■ Adjustable main output
■ Level B Conducted EMI - Class I or Class II inputs
■ Overvoltage protection
■ Overload protection
■ Thermal overload protection
■ 12 V fan output
■ LPX200 enclosure kit available
■ 5 V Standby output
■ Remote Inhibit
■ PMBus commands
■ RoHS compliant
■ Digital I2C interface
■ Designed to meet Class I and Class II
■ Dual AC fuses
■ Suitable for BF Type applications




Similar Part No. - LPS360-M

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPS363-M ARTESYN-LPS363-M Datasheet
852Kb / 3P
360 Watt AC-DC Power Supply
LPS364-M ARTESYN-LPS364-M Datasheet
852Kb / 3P
360 Watt AC-DC Power Supply
LPS365-M ARTESYN-LPS365-M Datasheet
852Kb / 3P
360 Watt AC-DC Power Supply
LPS366-M ARTESYN-LPS366-M Datasheet
852Kb / 3P
360 Watt AC-DC Power Supply
LPS368-M ARTESYN-LPS368-M Datasheet
852Kb / 3P
360 Watt AC-DC Power Supply
More results


Similar Description - LPS360-M

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM317F3 CYSTEKEC-LM317F3 Datasheet
300Kb / 11P
Three Terminal Adjustable Output
logo
Texas Instruments
PT6120 TI1-PT6120_08 Datasheet
541Kb / 7P
Adjustable Output Voltage
PT6220 TI1-PT6220_13 Datasheet
527Kb / 7P
Adjustable Output Voltage
PT6420 TI1-PT6420_14 Datasheet
533Kb / 6P
Adjustable Output Voltage
PT6670 TI1-PT6670_14 Datasheet
205Kb / 5P
Adjustable Output Voltage
logo
Murata Manufacturing Co...
MPD7K046S MURATA-MPD7K046S Datasheet
543Kb / 5P
12V main output and 5V,1A Aux output
logo
Unisonic Technologies
P2680L-SH2-R UTC-P2680L-SH2-R Datasheet
156Kb / 5P
Output Adjustable
logo
STMicroelectronics
EVLPOWERSTEP01 STMICROELECTRONICS-EVLPOWERSTEP01 Datasheet
342Kb / 8P
Adjustable output slew rate
07-Oct-2014
A6727 STMICROELECTRONICS-A6727 Datasheet
1Mb / 29P
Adjustable output voltage
15-Jul-2013
logo
Recom International Pow...
R-611.8X RECOM-R-611.8X Datasheet
91Kb / 4P
Adjustable Output Voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com