Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MNA-SERIES Datasheet (PDF) - Mini-Circuits

MNA-SERIES Datasheet PDF - Mini-Circuits
Part # MNA-SERIES
Download  MNA-SERIES Download
File Size   212.27 Kbytes
Page   8 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Monolithic Amplifiers High Directivity, 50?? 0.5 to 5.9 GHz

MNA-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
MNA-SERIES Datasheet PDF - Mini-Circuits

Part # MNA-SERIES
Download  MNA-SERIES Click to download

File Size   212.27 Kbytes
Page   8 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Monolithic Amplifiers High Directivity, 50?? 0.5 to 5.9 GHz

MNA-SERIES Datasheet (HTML) - Mini-Circuits




Similar Part No. - MNA-SERIES

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MNA-2A MINI-MNA-2A Datasheet
276Kb / 5P
Monolithic Amplifier
MNA-2A-D MINI-MNA-2A-D Datasheet
262Kb / 7P
Monolithic Amplifier Die
MNA-2A-D+ MINI-MNA-2A-D+ Datasheet
262Kb / 7P
Monolithic Amplifier Die
MNA-2A-DF+ MINI-MNA-2A-DF+ Datasheet
262Kb / 7P
Monolithic Amplifier Die
MNA-2A-DG+ MINI-MNA-2A-DG+ Datasheet
262Kb / 7P
Monolithic Amplifier Die
More results


Similar Description - MNA-SERIES

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DG03-166 MINI-DG03-166 Datasheet
69Kb / 2P
MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz
DG03-168 MINI-DG03-168 Datasheet
79Kb / 2P
MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz
VNA-21 MINI-VNA-21 Datasheet
134Kb / 1P
Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
VNA-22 MINI-VNA-22 Datasheet
134Kb / 1P
Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
VNA-23 MINI-VNA-23 Datasheet
134Kb / 1P
High Directivity Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
ZX60-M-SERIES MINI-ZX60-M-SERIES Datasheet
146Kb / 2P
High Isolation Amplifiers 50?? 0.5 to 5.9 GHz
VNA-28 MINI-VNA-28 Datasheet
134Kb / 1P
Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
logo
Transcom, Inc.
TA053-059-38-36 TRANSCOM-TA053-059-38-36 Datasheet
31Kb / 1P
5.3 - 5.9 GHz 4 W Amplifiers
logo
Communications & Power ...
VTC-5762B5 CPI-VTC-5762B5 Datasheet
96Kb / 2P
5.2 to 5.9 GHz
logo
WOLFSPEED, INC.
CMPA5259050F WOLFSPEED-CMPA5259050F Datasheet
856Kb / 11P
50 W, 4.9 – 5.9 GHz, 28 V, GaN MMIC for Radar Power Amplifiers
Rev. 2.2, November 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com