Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA-4-10-75 Datasheet (PDF) - Mini-Circuits

SCA-4-10-75 Datasheet PDF - Mini-Circuits
Part # SCA-4-10-75
Download  SCA-4-10-75 Download
File Size   131.42 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner 4 Way-0째 75??10 to 1000 MHz

SCA-4-10-75 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCA-4-10-75 Datasheet PDF - Mini-Circuits

Part # SCA-4-10-75
Download  SCA-4-10-75 Click to download

File Size   131.42 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner 4 Way-0째 75??10 to 1000 MHz

SCA-4-10-75 Datasheet (HTML) - Mini-Circuits


SCA-4-10-75 Product details

POWER SPLITTERS/COMBINERS 50 & 75Ω
4 WAY-0° 10 kHz to 1000 MHz




Similar Part No. - SCA-4-10-75

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCA-4-10-75 MINI-SCA-4-10-75 Datasheet
82Kb / 2P
POWER SPLITTERS/COMBINERS
SCA-4-10-75L MINI-SCA-4-10-75L Datasheet
82Kb / 2P
POWER SPLITTERS/COMBINERS
SCA-4-10-75M MINI-SCA-4-10-75M Datasheet
82Kb / 2P
POWER SPLITTERS/COMBINERS
SCA-4-10-75U MINI-SCA-4-10-75U Datasheet
82Kb / 2P
POWER SPLITTERS/COMBINERS
More results


Similar Description - SCA-4-10-75

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SBTC-2-10-75_75L MINI-SBTC-2-10-75_75L Datasheet
96Kb / 1P
Power Splitter/Combiners 2 Way-0째 75??10 to 1000 MHz
SCA-3-11 MINI-SCA-3-11 Datasheet
126Kb / 1P
Power Splitter/Combiner 3 Way-0째 50??100 to 940 MHz
SCA-4-10 MINI-SCA-4-10 Datasheet
135Kb / 1P
Power Splitter/Combiner 4 Way-0째 50??5 to 1000 MHz
SCA-4-15-75 MINI-SCA-4-15-75 Datasheet
132Kb / 1P
Power Splitter/Combiner 4 Way-0째 75??10 to 1500 MHz
SCA-4-20 MINI-SCA-4-20 Datasheet
124Kb / 1P
Power Splitter/Combiner 4 Way-0째 50??1000 to 2000 MHz
ZB4CS-700-10W MINI-ZB4CS-700-10W Datasheet
68Kb / 1P
Power wer Splitter/Combiner 4 Way-0째 400 to 700 MHz
ZB5CS-920-10W MINI-ZB5CS-920-10W Datasheet
83Kb / 1P
Power wer Splitter/Combiner 5 Way-0째 450 to 920 MHz
logo
List of Unclassifed Man...
ZA4PD-2 ETC2-ZA4PD-2 Datasheet
169Kb / 1P
Power Splitter/Combiner 4 Way-0째 50廓 1000 to 2000 MHz
logo
Mini-Circuits
ZFSC-2-2 MINI-ZFSC-2-2 Datasheet
102Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 10 to 1000 MHz
ZFSC-2-10G MINI-ZFSC-2-10G_1 Datasheet
178Kb / 1P
Power Splitter/Combiner 2 Way-0째 50廓 2000 to 10000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com