Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNMP-5075 Datasheet (PDF) - Mini-Circuits

UNMP-5075 Datasheet PDF - Mini-Circuits
Part # UNMP-5075
Download  UNMP-5075 Download
File Size   85.68 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Coaxial Matching Pad TYPE-N 50/75??DC to 3000 MHz

UNMP-5075 Datasheet (PDF)

Go To PDF Page Download Datasheet
UNMP-5075 Datasheet PDF - Mini-Circuits

Part # UNMP-5075
Download  UNMP-5075 Click to download

File Size   85.68 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Coaxial Matching Pad TYPE-N 50/75??DC to 3000 MHz

UNMP-5075 Datasheet (HTML) - Mini-Circuits




Similar Part No. - UNMP-5075

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
UNMP-5075-33 MINI-UNMP-5075-33 Datasheet
181Kb / 1P
Matching Pad
UNMP-5075-33+ MINI-UNMP-5075-33+ Datasheet
181Kb / 1P
Matching Pad
UNMP-5075-33R MINI-UNMP-5075-33R Datasheet
284Kb / 3P
Matching Pad
UNMP-5075-33R+ MINI-UNMP-5075-33R+ Datasheet
284Kb / 3P
Matching Pad
More results


Similar Description - UNMP-5075

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VLF-3000 MINI-VLF-3000 Datasheet
89Kb / 1P
Coaxial Low Pass Filter DC to 3000 MHz
logo
Pasternack Enterprises,...
PE7027 PASTERNACK-PE7027 Datasheet
206Kb / 3P
50 Ohm N Male To 75 Ohm N Female Matching Pad Operating From DC to 2 GHz RoHS Compliant
PE7028 PASTERNACK-PE7028 Datasheet
209Kb / 3P
50 Ohm N Female To 75 Ohm N Male Matching Pad Operating From DC to 2 GHz RoHS Compliant
PE7070 PASTERNACK-PE7070 Datasheet
241Kb / 3P
50 Ohm N Male To 75 Ohm N Female Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7071 PASTERNACK-PE7071 Datasheet
249Kb / 3P
50 Ohm N Male To 75 Ohm F Female Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7072 PASTERNACK-PE7072 Datasheet
217Kb / 3P
50 Ohm N Male To 75 Ohm F Male Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7073 PASTERNACK-PE7073 Datasheet
216Kb / 3P
50 Ohm N Female To 75 Ohm F Male Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE70MP1006 PASTERNACK-PE70MP1006 Datasheet
384Kb / 4P
50 Ohm SMA Male To 75 Ohm F Female Matching Pad
PE7083 PASTERNACK-PE7083 Datasheet
204Kb / 3P
50 Ohm N Female To 75 Ohm N Male Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7028 PASTERNACK-PE7028_14 Datasheet
335Kb / 3P
50 Ohm N Female To 75 Ohm N Male Matching Pad Operating From DC to 500 MHz RoHS Compliant
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com