Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLFX-1350 Datasheet (PDF) - Mini-Circuits

VLFX-1350 Datasheet PDF - Mini-Circuits
Part # VLFX-1350
Download  VLFX-1350 Download
File Size   113.34 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Low Pass Filter DC to 1350 MHz (40 dB Isolation up to 20 GHz)

VLFX-1350 Datasheet (PDF)

Go To PDF Page Download Datasheet
VLFX-1350 Datasheet PDF - Mini-Circuits

Part # VLFX-1350
Download  VLFX-1350 Click to download

File Size   113.34 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Low Pass Filter DC to 1350 MHz (40 dB Isolation up to 20 GHz)

VLFX-1350 Datasheet (HTML) - Mini-Circuits


VLFX-1350 Product details

Low Pass Filter
50Ω DC to 1350 MHz (40 dB Isolation up to 20 GHz)

Features
• very good isolation, 40 dB up to 20 GHz
• 21 sections
• excellent power handling, 10W
• temperature stable LTCC internal structure
• re-entry frequency > 20 GHz
• rugged unibody construction
• protected by US patent 6,943,646

Applications
• harmonic rejection
• transmitters/receivers
• lab use
• test instrumentation




Similar Part No. - VLFX-1350

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VLFX-1300 MINI-VLFX-1300 Datasheet
113Kb / 1P
Low Pass Filter DC to 1300 MHz (40 dB Isolation up to 20 GHz)
More results


Similar Description - VLFX-1350

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VLFX-80 MINI-VLFX-80 Datasheet
115Kb / 1P
Low Pass Filter DC to 80 MHz (40 dB Isolation up to 20 GHz)
VLFX-300 MINI-VLFX-300 Datasheet
113Kb / 1P
Low Pass Filter DC to 300 MHz (40 dB Isolation up to 20 GHz)
VLFX-400 MINI-VLFX-400 Datasheet
112Kb / 1P
Low Pass Filter DC to 400 MHz (40 dB Isolation up to 20 GHz)
VLFX-500 MINI-VLFX-500 Datasheet
113Kb / 1P
Low Pass Filter DC to 500 MHz (40 dB Isolation up to 20 GHz)
VLFX-540 MINI-VLFX-540 Datasheet
113Kb / 1P
Low Pass Filter DC to 540 MHz (40 dB Isolation up to 20 GHz)
VLFX-780 MINI-VLFX-780 Datasheet
113Kb / 1P
Low Pass Filter DC to 780 MHz (40 dB Isolation up to 20 GHz)
VLFX-825 MINI-VLFX-825 Datasheet
112Kb / 1P
Low Pass Filter DC to 825 MHz (40 dB Isolation up to 20 GHz)
VLFX-950 MINI-VLFX-950 Datasheet
111Kb / 1P
Low Pass Filter DC to 950 MHz (40 dB Isolation up to 20 GHz)
VLFX-1125 MINI-VLFX-1125 Datasheet
111Kb / 1P
Low Pass Filter DC to 1125 MHz (40 dB Isolation up to 20 GHz)
VLFX-1300 MINI-VLFX-1300 Datasheet
113Kb / 1P
Low Pass Filter DC to 1300 MHz (40 dB Isolation up to 20 GHz)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com