Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLP-24 Datasheet (PDF) - Mini-Circuits

VLP-24 Datasheet PDF - Mini-Circuits
Part # VLP-24
Download  VLP-24 Download
File Size   80.78 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Low Pass Filters DC to 5400 MHz

VLP-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
VLP-24 Datasheet PDF - Mini-Circuits

Part # VLP-24
Download  VLP-24 Click to download

File Size   80.78 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Low Pass Filters DC to 5400 MHz

VLP-24 Datasheet (HTML) - Mini-Circuits


VLP-24 Product details

Ultra-Reliable Low Pass Filters  DC to 5400 MHz



Features

• rugged unibody construction

• low insertion loss for passband, 0.7 dB typ.

• high power handling, up to 15W

• low cost




Similar Part No. - VLP-24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VLP-200-F ETC2-VLP-200-F Datasheet
197Kb / 1P
VERTICAL LIGHT PIPE
VLP-200-R ETC2-VLP-200-R Datasheet
196Kb / 1P
vertical light pipe
VLP-200-R ETC2-VLP-200-R Datasheet
197Kb / 1P
VERTICAL LIGHT PIPE
VLP-200-RF ETC2-VLP-200-RF Datasheet
196Kb / 1P
vertical light pipe
VLP-250-F ETC2-VLP-250-F Datasheet
197Kb / 1P
VERTICAL LIGHT PIPE
More results


Similar Description - VLP-24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LFCN-6000 ETC-LFCN-6000 Datasheet
141Kb / 1P
Low Pass Filter DC to 6000 MHz
logo
Mini-Circuits
SCLF_SALF-SERIES MINI-SCLF_SALF-SERIES Datasheet
177Kb / 1P
Low Pass Filters 50??DC to 865 MHz
VLF-80 MINI-VLF-80 Datasheet
90Kb / 1P
Low Pass Filter DC to 80 MHz
VLF-225 MINI-VLF-225 Datasheet
89Kb / 1P
Low Pass Filter DC to 225 MHz
VLF-575 MINI-VLF-575 Datasheet
88Kb / 1P
Low Pass Filter DC to 575 MHz
VLF-800 MINI-VLF-800 Datasheet
89Kb / 1P
Low Pass Filter DC to 800 MHz
VLF-1000 MINI-VLF-1000 Datasheet
89Kb / 1P
Low Pass Filter DC to 1000 MHz
VLF-1400 MINI-VLF-1400 Datasheet
89Kb / 1P
Low Pass Filter DC to 1400 MHz
VLF-1525 MINI-VLF-1525 Datasheet
89Kb / 1P
Low Pass Filter DC to 1525 MHz
logo
Johanson Technology Inc...
5400BP39A0100 JOHANSON-5400BP39A0100 Datasheet
118Kb / 2P
5400 MHz Band Pass Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com