Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6B595P Datasheet (PDF) - SamHop Microelectronics Corp.

SM6B595P Datasheet PDF - SamHop Microelectronics Corp.
Part # SM6B595P
Download  SM6B595P Download
File Size   149.36 Kbytes
Page   9 Pages
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.
Description 8-BIT LED DRIVER

SM6B595P Datasheet (PDF)

Go To PDF Page Download Datasheet
SM6B595P Datasheet PDF - SamHop Microelectronics Corp.

Part # SM6B595P
Download  SM6B595P Click to download

File Size   149.36 Kbytes
Page   9 Pages
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.
Description 8-BIT LED DRIVER

SM6B595P Datasheet (HTML) - SamHop Microelectronics Corp.


SM6B595P Product details

GENERAL DESCRIPTION
The SM6B595 is specifically designed for USE in LED DISPLAY.
This device contains an 8-bit shift register, 8 bit D-type storage register an d open-drain NMOS output drivers.
The serial output allows for cascading of the data from the shift register to additional devices.

FEATURES
* Maximum output terminal voltage: 30V.
* Maximum continuous drain current:100mA.
* Typical RDS(ON) :5 Ω
* Devices are cascadable
* Low power consumption
* Serial data transfer rate: 25 MHz.




Similar Part No. - SM6B595P

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SM6B VANLONG-SM6B Datasheet
37Kb / 1P
Ceramic Surface Mount Crystal
SM6B VANLONG-SM6B Datasheet
44Kb / 1P
Ceramic Surface Mount Crystal The SM6B series incorporates a sub-miniature AT-cut Strip Crystal resomator housed in a miniature 2-ped 6.0x3.5mm
SM6B VANLONG-SM6B_13 Datasheet
44Kb / 1P
Ceramic Surface Mount Crystal The SM6B series incorporates a sub-miniature AT-cut Strip Crystal resomator housed in a miniature 2-ped 6.0x3.5mm
More results


Similar Description - SM6B595P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5001 ETC-MBI5001 Datasheet
244Kb / 9P
8 BIT CONSTANT CURRENT LED DRIVER
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
8-BIT CONSTANT CURRENT LED SINK DRIVER
02-May-2005
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
8-bit Constant Current LED Sink Driver
logo
NXP Semiconductors
PCA9634 NXP-PCA9634 Datasheet
201Kb / 38P
8-bit Fm I2C-bus LED driver
Rev. 06-12 September 2008
logo
SamHop Microelectronics...
SM16705 SAMHOP-SM16705 Datasheet
197Kb / 15P
8-BIT CONSTANT CURRENT LED DRIVER
logo
Silan Microelectronics ...
SD16730 SILAN-SD16730 Datasheet
708Kb / 12P
8-Bit Constant Current LED Driver
logo
Silicon Touch Technolog...
DM11A SITI-DM11A Datasheet
422Kb / 20P
8-bit Constant Current LED Driver
logo
Texas Instruments
TLC59108F TI-TLC59108F Datasheet
696Kb / 27P
8-BIT FM I2C BUS LED DRIVER
logo
Holtek Semiconductor In...
HT16D595 HOLTEK-HT16D595 Datasheet
2Mb / 11P
8-Bit Constant Current LED Driver
logo
Texas Instruments
TPIC2810 TI1-TPIC2810_15 Datasheet
880Kb / 23P
8-BIT LED DRIVER WITH 12C INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com