Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSW-224 Datasheet (PDF) - Stanford Microdevices

SSW-224 Datasheet PDF - Stanford Microdevices
Part # SSW-224
Download  SSW-224 Download
File Size   162.86 Kbytes
Page   3 Pages
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices
Description DC-6 GHZ HIGH ISOLATION SPDT GAAS MMIC SWITCH

SSW-224 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSW-224 Datasheet PDF - Stanford Microdevices

Part # SSW-224
Download  SSW-224 Click to download

File Size   162.86 Kbytes
Page   3 Pages
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices
Description DC-6 GHZ HIGH ISOLATION SPDT GAAS MMIC SWITCH

SSW-224 Datasheet (HTML) - Stanford Microdevices


SSW-224 Product details

Product Description
Stanford Microdevices’ SSW-224 is a high perfomance Gallium Arsenide Field Effect Transistor MMIC switch housed in a low-cost surface-mountable 8-pin ceramic package.

Product Features
• High Isolation: 40dB at 2GHz, 30dB at 6GHz
• Low DC Power Consumption
• Broad Performance - True DC Operation
• Low Cost Surface-Mountable Ceramic Package

Applications
• Analog/Digital Wireless System
• Spread Spectrum
• GPS




Similar Part No. - SSW-224

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SSW-208 STANFORD-SSW-208 Datasheet
79Kb / 2P
DC-4 GHz, High Isolation GaAs MMIC SPDT Switch
More results


Similar Description - SSW-224

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SSW-108 STANFORD-SSW-108 Datasheet
83Kb / 2P
DC-4 GHz High Isolation GaAs MMIC SPDT Switch
logo
Hittite Microwave Corpo...
HMC132G7 HITTITE-HMC132G7 Datasheet
64Kb / 4P
GAAS MMIC HIGH - ISOLATION SPDT SWITCH DC - 6 GHZ
logo
Stanford Microdevices
SSW-208 STANFORD-SSW-208 Datasheet
79Kb / 2P
DC-4 GHz, High Isolation GaAs MMIC SPDT Switch
SSW-124 STANFORD-SSW-124 Datasheet
164Kb / 3P
DC-6 GHz High Isolation SPDT GaAs MMIC Switch
logo
Hittite Microwave Corpo...
HMC132G7 HITTITE-HMC132G7_01 Datasheet
85Kb / 4P
GaAs MMIC HIGH-ISOLATION SPDT SWITCH, DC - 6 GHz
HMC232G7 HITTITE-HMC232G7_08 Datasheet
188Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6 GHz
HMC232G8 HITTITE-HMC232G8_08 Datasheet
147Kb / 6P
GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6 GHz
HMC233G8 HITTITE-HMC233G8_08 Datasheet
157Kb / 6P
GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6 GHz
HMC607 HITTITE-HMC607_09 Datasheet
214Kb / 6P
GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
HMC607G7 HITTITE-HMC607G7_08 Datasheet
194Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com