Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV712 Datasheet (PDF) - STMicroelectronics

TSV712 Datasheet PDF - STMicroelectronics
Part # TSV712
Download  TSV712 Download
File Size   1386.52 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description EMI hardened operational amplifiers

TSV712 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSV712 Datasheet PDF - STMicroelectronics

Part # TSV712
Download  TSV712 Click to download

File Size   1386.52 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description EMI hardened operational amplifiers

TSV712 Datasheet (HTML) - STMicroelectronics


TSV712 Product details

Description
The TSV71x series of single, dual, and quad operational amplifiers offer low-voltage operation, rail-to-rail input and output, and excellent accuracy (Vio lower than 200 μV at 25 ° C). These devices benefit from STMicroelectronics® 5 V CMOS technology and offer an excellent speed/power consumption ratio (150 kHz typical gain bandwidth) while consuming less than 14 μA at 5 V. The TSV71x series also feature an ultra-low input bias current. The single version (TSV711), the dual version (TSV712), and the quad version (TSV714) are housed in the smallest industrial packages. These characteristics make the TSV71x family ideal for sensor interfaces, battery-powered and portable applications, and active filtering. Single (TSV711) SC70-5 DFN8 2x2 MiniSO-8 Dual (TSV712) Quad (TSV714) QFN16 3x3 TSSOP14

Features
■ Low offset voltage: 200 µV max.
■ Low power consumption: 10 µA at 5 V
■ Low supply voltage: 1.5 V to 5.5 V
■ Gain bandwidth product: 150 kHz typ.
■ Low input bias current: 1 pA typ.
■ Rail-to-rail input and output
■ EMI hardened operational amplifiers
■ High tolerance to ESD: 4 kV HBM
■ Extended temperature range: -40 to +125 °C Benefits
■ Higher accuracy without calibration
■ Energy saving
■ Guaranteed operation on low-voltage battery Related products
■ See the TSV73 series (900 kHz for 60 μA) for higher gain bandwidth products

Applications
■ Battery powered applications
■ Portable devices
■ Signal conditioning
■ Active filtering
■ Medical instrumentation




Similar Part No. - TSV712

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV731 STMICROELECTRONICS-TSV731 Datasheet
1Mb / 29P
High accuracy (200 μV) micropower 60 μA, 900 kHz 5 V CMOS operational amplifiers
26-Mar-2013
TSV731ICT STMICROELECTRONICS-TSV731ICT Datasheet
1Mb / 29P
High accuracy (200 μV) micropower 60 μA, 900 kHz 5 V CMOS operational amplifiers
26-Mar-2013
TSV732 STMICROELECTRONICS-TSV732 Datasheet
1Mb / 29P
High accuracy (200 μV) micropower 60 μA, 900 kHz 5 V CMOS operational amplifiers
26-Mar-2013
TSV732IQ2T STMICROELECTRONICS-TSV732IQ2T Datasheet
1Mb / 29P
High accuracy (200 μV) micropower 60 μA, 900 kHz 5 V CMOS operational amplifiers
26-Mar-2013
TSV732IST STMICROELECTRONICS-TSV732IST Datasheet
1Mb / 29P
High accuracy (200 μV) micropower 60 μA, 900 kHz 5 V CMOS operational amplifiers
26-Mar-2013
More results


Similar Description - TSV712

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV851 NSC-LMV851 Datasheet
1Mb / 22P
8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 NSC-LMV861 Datasheet
1Mb / 20P
30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 NSC-LMV831 Datasheet
1Mb / 20P
3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
AN-1698 NSC-AN-1698 Datasheet
216Kb / 8P
A Specification for EMI Hardened Operational Amplifiers
LMV831_0810 NSC-LMV831_0810 Datasheet
1Mb / 20P
3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV851 TI1-LMV851_14 Datasheet
1Mb / 30P
LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861_13 Datasheet
789Kb / 26P
LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 TI-LMV851_15 Datasheet
1Mb / 32P
LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI-LMV861_15 Datasheet
1Mb / 29P
LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861 Datasheet
1Mb / 30P
LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com