Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6191 Datasheet (PDF) - STMicroelectronics

TSV6191 Datasheet PDF - STMicroelectronics
Part # TSV6191
Download  TSV6191 Download
File Size   723.96 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rail-to-rail input/output 10 μA, 450 kHz CMOS operational amplifiers

TSV6191 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSV6191 Datasheet PDF - STMicroelectronics

Part # TSV6191
Download  TSV6191 Click to download

File Size   723.96 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rail-to-rail input/output 10 μA, 450 kHz CMOS operational amplifiers

TSV6191 Datasheet (HTML) - STMicroelectronics


TSV6191 Product details

Description
The TSV619x family of single and dual operational amplifiers offers low voltage, low power operation, and rail-to-rail input and output. The devices also feature an ultra-low input bias current as well as a low input offset voltage. The TSV619x have a gain bandwidth product of 450 kHz while consuming only 10 µA at 5 V. They must be used in a gain configuration (equal or above 4 or -3). These features make the TSV619x family ideal for sensor interfaces, battery supplied and portable applications, as well as active filtering. VCCIn+ InOut 1 2 3 5 4 +_ VCC+ VCCIn+ InOut 1 2 3 5 4 +_ VCC+ In2+ VCC1 2 3 5 4 8 7 6 In1+ In1Out2 + _ Out1 In2+ _ VCC+ In2+ VCC1 2 3 5 4 8 7 6 In1+ In1Out2 + _ Out1 In2+ _ VCC+ TSV6191ILT - TSV6191ICT SOT23-5/SC70-5 TSV6192IST - TSV6192IDT MiniSO8/SO8

Features
■ Rail-to-rail input and output
■ Low power consumption: 10 µA typ at 5 V
■ Low supply voltage: 1.5 to 5.5 V
■ Gain bandwidth product: 450 kHz typ
■ Stable when used in gain configuration
■ Low input offset voltage: 800 µV max (A version)
■ Low input bias current: 1 pA typ
■ Temperature range: -40 to 85 °C

Applications
■ Battery-powered applications
■ Smoke detectors
■ Proximity sensors
■ Portable devices
■ Signal conditioning
■ Active filtering
■ Medical instrumentation




Similar Part No. - TSV6191

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV611 STMICROELECTRONICS-TSV611 Datasheet
264Kb / 16P
Rail-to-rail input/output 11 μA, 120 kHz CMOS operational amplifiers
28-May-2009
TSV611 STMICROELECTRONICS-TSV611 Datasheet
824Kb / 19P
Rail-to-rail input/output 10 μA, 120 kHz CMOS operational amplifiers
18-Jan-2010
TSV611A STMICROELECTRONICS-TSV611A Datasheet
824Kb / 19P
Rail-to-rail input/output 10 μA, 120 kHz CMOS operational amplifiers
18-Jan-2010
TSV611AICT STMICROELECTRONICS-TSV611AICT Datasheet
264Kb / 16P
Rail-to-rail input/output 11 μA, 120 kHz CMOS operational amplifiers
28-May-2009
TSV611AICT STMICROELECTRONICS-TSV611AICT Datasheet
824Kb / 19P
Rail-to-rail input/output 10 μA, 120 kHz CMOS operational amplifiers
18-Jan-2010
More results


Similar Description - TSV6191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP250 AD-OP250 Datasheet
209Kb / 16P
CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV.0
logo
STMicroelectronics
TSV611 STMICROELECTRONICS-TSV611 Datasheet
264Kb / 16P
Rail-to-rail input/output 11 μA, 120 kHz CMOS operational amplifiers
28-May-2009
TSV621 STMICROELECTRONICS-TSV621 Datasheet
592Kb / 18P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
12-Jan-2009
TSV622 STMICROELECTRONICS-TSV622 Datasheet
1,011Kb / 25P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
15-Jun-2009
TSV611 STMICROELECTRONICS-TSV611_10 Datasheet
824Kb / 19P
Rail-to-rail input/output 10 μA, 120 kHz CMOS operational amplifiers
18-Jan-2010
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
Rail-to-Rail Output CMOS Operational Amplifiers
logo
Texas Instruments
LMV341-Q1 TI-LMV341-Q1_15 Datasheet
1Mb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSV62X STMICROELECTRONICS-TSV62X Datasheet
972Kb / 24P
Rail-to-rail input/output, 29 μA, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
TSV620 STMICROELECTRONICS-TSV620 Datasheet
805Kb / 24P
Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
May 2017 Rev 3
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com