Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER38LE Datasheet (PDF) - STMicroelectronics

VIPER38LE Datasheet PDF - STMicroelectronics
Part # VIPER38LE
Download  VIPER38LE Download
File Size   934.81 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VIPerPlus family: peak power high-voltage converter

VIPER38LE Datasheet (PDF)

Go To PDF Page Download Datasheet
VIPER38LE Datasheet PDF - STMicroelectronics

Part # VIPER38LE
Download  VIPER38LE Click to download

File Size   934.81 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VIPerPlus family: peak power high-voltage converter

VIPER38LE Datasheet (HTML) - STMicroelectronics


VIPER38LE Product details

Description
The device is a high-voltage converter that smartly integrates an 800 V rugged power MOSFET with PWM current-mode control. The power MOSFET allows a very high input Vac to be applied, just limited from its breakdown voltage. This IC is capable of meeting more stringent energy-saving standards as it has very low consumption and operates in burst mode under light load. The device features an adjustable extra power timer (EPT) that enables the IC to sustain overload conditions for a few seconds. The integrated HV startup, sense FET and oscillator with jitter allow the advantage of using minimal components in the application. The device features high-level protections like dual-level OCP, output overvoltage, short-circuit, and thermal shutdown with hysteresis. After the removal of a fault condition, the IC is automatically restarted. 9'' (37 *1' )% '5$,1 9,3HUWhat if we commit to six months? &217 ŽƵƚƉƵƚ н Ͳ ,ŝŐŚsŽůƚĂŐĞ ŝŶƉƵƚ н Ͳ ;ŽƉƚŝŽŶĂůͿ

Features
■ 800 V avalanche-rugged power MOSFET allowing ultra wide range input Vac to be achieved
■ Embedded HV start-up and sense FET
■ PWM current-mode controller
■ OCP with selectable threshold (IDlim) and 2nd OCP with higher value (IDMAX) to protect the IC from transformer saturation or short-circuit of the secondary diode
■ 30 mW no-load consumption at 230 Vac
■ Two operating frequencies: – 60 kHz (L type) or 115 kHz (H type)
■ Jittered frequency reduces the EMI
■ Extra power timer (EPT) blanks the overload current for few seconds
■ Output overvoltage protection with tight tolerance and digital noise filter
■ Soft-start reduces the stress during startup and increases IC lifetime
■ Automatic restart after a fault condition

Applications
■ Auxiliary power supply for consumer and home equipment
■ Power supply for energy meters and data concentrators
■ Adapters




Similar Part No. - VIPER38LE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
1Mb / 40P
Energy saving offline high voltage converter
Nov-2020
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
764Kb / 39P
Energy saving offline high voltage converter
Rev 6 - March 2025
VIPER317HDTR STMICROELECTRONICS-VIPER317HDTR Datasheet
1Mb / 40P
Energy saving offline high voltage converter
Nov-2020
VIPER317HDTR STMICROELECTRONICS-VIPER317HDTR Datasheet
764Kb / 39P
Energy saving offline high voltage converter
Rev 6 - March 2025
VIPER317LDTR STMICROELECTRONICS-VIPER317LDTR Datasheet
1Mb / 40P
Energy saving offline high voltage converter
Nov-2020
More results


Similar Description - VIPER38LE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER37HE STMICROELECTRONICS-VIPER37HE Datasheet
2Mb / 35P
VIPerPlus family: fixed frequency offline converter
17-Feb-2012
logo
International Rectifier
IR4301 IRF-IR4301_15 Datasheet
1Mb / 15P
High peak music power output
logo
ON Semiconductor
1SMC5.OAT3 ONSEMI-1SMC5.OAT3 Datasheet
73Kb / 8P
Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 3
NCP1249C ONSEMI-NCP1249C Datasheet
1Mb / 33P
High-Voltage CurrentMode PWM Controller Featuring Peak Power Excursion
September, 2013 ??Rev. 0
logo
EIC discrete Semiconduc...
HZK6A1L EIC-HZK6A1L Datasheet
141Kb / 3P
High peak reverse power dissipation
logo
Wurth Elektronik GmbH &...
744050200047 WURTH-744050200047 Datasheet
320Kb / 5P
Peak Voltage
logo
Ohmite Mfg. Co.
RES-OX-OY OHMITE-RES-OX-OY Datasheet
529Kb / 2P
High peak power
logo
Unisonic Technologies
2N6116L-T92-B UTC-2N6116L-T92-B Datasheet
134Kb / 3P
High peak output voltage
logo
Vicor Corporation
BCM380P475C1K2A30 VICOR-BCM380P475C1K2A30 Datasheet
572Kb / 2P
Bus Converter Family
logo
STMicroelectronics
STEVAL-ISA196V1 STMICROELECTRONICS-STEVAL-ISA196V1 Datasheet
211Kb / 4P
5 V / 1.2 A non-isolated flyback converter using VIPerPlus ??VIPer114LS
19-Sep-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com