Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC8208 Datasheet (PDF) - Toshiba Semiconductor

TPC8208 Datasheet PDF - Toshiba Semiconductor
Part # TPC8208
Download  TPC8208 Download
File Size   226.24 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)

TPC8208 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPC8208 Datasheet PDF - Toshiba Semiconductor

Part # TPC8208
Download  TPC8208 Click to download

File Size   226.24 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)

TPC8208 Datasheet (HTML) - Toshiba Semiconductor


TPC8208 Product details

Lithium Ion Battery Applications
Notebook PC Applications
Portable Equipment Applications

• Small footprint due to small and thin package
• Low drain-source ON resistance: RDS (ON) = 38 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 6.3 S (typ.)
• Low leakage current: IDSS = 10 µA (max) (VDS = 20 V)
• Enhancement mode: Vth = 0.5 to 1.2 V (VDS = 10 V, ID = 200 µA)




Similar Part No. - TPC8208

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8208 TOSHIBA-TPC8208 Datasheet
253Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8208 TOSHIBA-TPC8208 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPC8208 TOSHIBA-TPC8208_06 Datasheet
253Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results


Similar Description - TPC8208

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8204 TOSHIBA-TPCS8204 Datasheet
304Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
14-Feb-2002
TPCS8209 TOSHIBA-TPCS8209 Datasheet
362Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8107 TOSHIBA-TPC8107 Datasheet
219Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6005 TOSHIBA-TPC6005 Datasheet
188Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
17-Dec-2001
TPCS8211 TOSHIBA-TPCS8211 Datasheet
224Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
20-Feb-2003
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8207 TOSHIBA-TPC8207 Datasheet
219Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6104 TOSHIBA-TPC6104 Datasheet
205Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
06-Jul-2004
TPCA8102 TOSHIBA-TPCA8102 Datasheet
182Kb / 4P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
29-Aug-2003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com