Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS818 Datasheet (PDF) - Toshiba Semiconductor

TPS818 Datasheet PDF - Toshiba Semiconductor
Part # TPS818
Download  TPS818 Download
File Size   128.25 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photo IC Silicon Epitaxial Planar

TPS818 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS818 Datasheet PDF - Toshiba Semiconductor

Part # TPS818
Download  TPS818 Click to download

File Size   128.25 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photo IC Silicon Epitaxial Planar

TPS818 Datasheet (HTML) - Toshiba Semiconductor


TPS818 Product details

Luminosity Adjustment for TV Screens, CRT Monitors and Liquid-crystal Display Monitors
Notebook PCs and Portable Information Devices
Cellular and PHS Phones
Other Equipment Requiring Luminosity Adjustment

The TPS818 is a linear-output (current output type) photo-IC which incorporates a photodiode and a current amp circuit in a single chip. A luminous efficiency correction filter mounted on the detector ensures accurate luminosity output levels. The device’s excellent output linearity enables automatic adjustment of the luminosity of a TV screen or PC monitor in accordance with the ambient brightness of the operating environment.

● High sensitivity
   : Light current IL = 240 µA (typ.) @EV = 100 lx
● Little fluctuation in light current
   : 1.67 times width (±25° typ.)
● Low current consumption
   : ICC = 1 µA (max) @VCC = 5.5 V
● Excellent illumination output linearity
● Luminous efficiency correction filter mounted on detector: λp = 560 mm (typ.)
● Open-emitter output
● Side-view package
● Environmentally friendly silicon used as chip material instead of CdS
   Suitable as a substitute for CdS-based products




Similar Part No. - TPS818

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS811 TOSHIBA-TPS811 Datasheet
271Kb / 5P
PHOTO IC SILICON EPITAXIAL PLANAR
TPS812 TOSHIBA-TPS812 Datasheet
270Kb / 5P
TOSHIBA PHOTO IC SILICON EXITAXIAL PLANAR
logo
Texas Instruments
TPS81256 TI1-TPS81256 Datasheet
4Mb / 23P
3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256 TI1-TPS81256 Datasheet
4Mb / 27P
3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
TPS81256SIP TI1-TPS81256SIP Datasheet
4Mb / 23P
3-W, HIGH EFFICIENCY STEP-UP CONVERTER IN MicroSiP??PACKAGING
More results


Similar Description - TPS818

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS615 TOSHIBA-TPS615 Datasheet
203Kb / 5P
TOSHIBA PHOTO TRANSISTOR SILICON NPN EPITAXIAL PLANAR
TPS851 TOSHIBA-TPS851 Datasheet
203Kb / 12P
TOSHIBA Photo IC Silicon Epitaxial Planar
TPS850 TOSHIBA-TPS850 Datasheet
155Kb / 10P
TOSHIBA Photo IC Silicon Epitaxial Planar
TPS813 TOSHIBA-TPS813 Datasheet
271Kb / 5P
PHOTO IC SILICON EPITAXIAL PLANAR
TPS806 TOSHIBA-TPS806 Datasheet
237Kb / 5P
TOSHIBA PHOTO IC SILICON EPITAXIAL PLANAR
TPS819 TOSHIBA-TPS819 Datasheet
169Kb / 10P
TOSHIBA Photo IC Silicon Epitaxial Planar
TPS812 TOSHIBA-TPS812 Datasheet
270Kb / 5P
TOSHIBA PHOTO IC SILICON EXITAXIAL PLANAR
TPS853 TOSHIBA-TPS853 Datasheet
176Kb / 12P
TOSHIBA Photo IC Silicon Epitaxial Planar
TPS850 TOSHIBA-TPS850_07 Datasheet
275Kb / 10P
Photo-IC Silicon Epitaxial Planar
TPS859 TOSHIBA-TPS859 Datasheet
283Kb / 13P
TOSHIBA Photo IC Silicon Epitaxial Planar
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com