Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN5E160ASO-E Datasheet (PDF) - STMicroelectronics

VN5E160ASO-E Datasheet PDF - STMicroelectronics
Part # VN5E160ASO-E
Download  VN5E160ASO-E Download
File Size   739.33 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single channel high-side driver with analog for automotive applications

VN5E160ASO-E Datasheet (PDF)

Go To PDF Page Download Datasheet
VN5E160ASO-E Datasheet PDF - STMicroelectronics

Part # VN5E160ASO-E
Download  VN5E160ASO-E Click to download

File Size   739.33 Kbytes
Page   37 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single channel high-side driver with analog for automotive applications

VN5E160ASO-E Datasheet (HTML) - STMicroelectronics


VN5E160ASO-E Product details

Description
The VN5E160ASO-E is a single channel highside driver manufactured using ST proprietary VIPower® M0-5 technology and housed in SO-16L package. The device is designed to drive 12 V automotive grounded loads, and to provide protection and diagnostics. It also implements a 3 V and 5 V CMOS-compatible interface for the use with any microcontroller. The device integrates advanced protective functions such as load current limitation, inrush and overload active management by power limitation, overtemperature shut-off with auto-restart and overvoltage active clamp. A dedicated analog current sense pin is associated with every output channel providing ehnanced diagnostic functions including fast detection of overload and short-circuit to ground through power limitation indication, overtemperature indication, short-circuit to VCC diagnosis and ONstate and off-state open-load detection. The current sensing and diagnostic feedback of the whole device can be disabled by pulling the CS_DIS pin high to share the external sense resistor with similar devices. Max supply voltage VCC 41 V Operating voltage range VCC 4.5 V to 28 V Max on-state resistance (per ch.) RON 160 mΩ Current limitation (typ) ILIMH 10 A Off-state supply current IS 2 µA(1) 1. Typical value with all loads connected. ("1($'5What if we commit to six months? SO-16L

Features
■ General – Inrush current active management by power limitation – Very low standby current – 3.0 V CMOS compatible inputs – Optimized electromagnetic emission – Very low electromagnetic susceptibility – Compliant with European directive 2002/95/EC – Very low current sense leakage – AEC-Q100 qualified
■ Diagnostic functions – Proportional load current sense – High-precision current sense for wide-range currents – Current sense disable – OFF-state open-load detection – Output short to VCC detection – Overload and short to ground (power limitation) indication
■ Protections – Undervoltage shutdown – Overvoltage clamp – Load current limitation – Self-limiting of fast thermal transients – Protection against loss of ground and loss of VCC – Overtemperature shutdown with autorestart (thermal shutdown) – Reverse battery protected – Electrostatic discharge protection

Applications
■ All types of resistive, inductive and capacitive loads
■ Suitable as LED driver




Similar Part No. - VN5E160ASO-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5E160AS-E STMICROELECTRONICS-VN5E160AS-E Datasheet
584Kb / 37P
Single channel high side driver with analog for automotive applications
September 2013 Rev 4
VN5E160ASTR-E STMICROELECTRONICS-VN5E160ASTR-E Datasheet
798Kb / 37P
Single channel high side driver with analog for automotive applications
25-May-2011
VN5E160ASTR-E STMICROELECTRONICS-VN5E160ASTR-E Datasheet
584Kb / 37P
Single channel high side driver with analog for automotive applications
September 2013 Rev 4
More results


Similar Description - VN5E160ASO-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5016AJ-E STMICROELECTRONICS-VN5016AJ-E Datasheet
120Kb / 13P
SINGLE CHANNEL HIGH SIDE DRIVER WITH ANALOG CURRENT SENSE FOR AUTOMOTIVE APPLICATIONS
Jan-2005
VN5050AJ-E STMICROELECTRONICS-VN5050AJ-E Datasheet
806Kb / 32P
Single channel high side driver with analog current sense for automotive applications
13-Sep-2007
VN5E160ASTR-E STMICROELECTRONICS-VN5E160ASTR-E Datasheet
798Kb / 37P
Single channel high side driver with analog for automotive applications
25-May-2011
VN5E025MJTR-E STMICROELECTRONICS-VN5E025MJTR-E Datasheet
617Kb / 37P
Single channel high-side driver with analog current sense for automotive applications
10-May-2010
VN5E010MH-E STMICROELECTRONICS-VN5E010MH-E Datasheet
682Kb / 34P
Single-channel high-side driver with analog current sense for automotive applications
18-Sep-2013
VN5E006ASP-E STMICROELECTRONICS-VN5E006ASP-E Datasheet
763Kb / 38P
Single channel high-side driver with analog current sense for automotive applications
March 2015 Rev 9
VN5E025ASO-E STMICROELECTRONICS-VN5E025ASO-E Datasheet
657Kb / 37P
Single channel high-side driver with analog current sense for automotive applications
September 2013 Rev 5
VN5E025MJ-E STMICROELECTRONICS-VN5E025MJ-E Datasheet
699Kb / 34P
Single channel high side driver with analog current sense for automotive applications
October 2013 Rev 2
VN5E160AS-E STMICROELECTRONICS-VN5E160AS-E Datasheet
584Kb / 37P
Single channel high side driver with analog for automotive applications
September 2013 Rev 4
VN5E160MS-E STMICROELECTRONICS-VN5E160MS-E Datasheet
524Kb / 34P
Single-channel high-side driver with analog for automotive applications
September 2013 Rev 4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com