Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN920-B5H Datasheet (PDF) - STMicroelectronics

VN920-B5H Datasheet PDF - STMicroelectronics
Part # VN920-B5H
Download  VN920-B5H Download
File Size   1213.29 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single-channel high-side solid state relay

VN920-B5H Datasheet (PDF)

Go To PDF Page Download Datasheet
VN920-B5H Datasheet PDF - STMicroelectronics

Part # VN920-B5H
Download  VN920-B5H Click to download

File Size   1213.29 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single-channel high-side solid state relay

VN920-B5H Datasheet (HTML) - STMicroelectronics


VN920-B5H Product details

Description
The VN920-B5H is a monolithic device made by using STMicroelectronics VIPower™ M0-3 technology, intended for driving any kind of load with one side connected to ground. Active VCC pin voltage clamp protects the device against low energy spikes (see ISO7637 transient compatibility able). Active current limitation combined with thermal shutdown and automatic restart protect the device against overload. The device integrates an analog current sense output which delivers a current proportional to the load current. Device automatically turns off in case of ground pin disconnection. Type RDS(on) IOUT VCC VN920-B5H 18 mΩ 30 A 36 V P2PAK

Features
■ CMOS compatible input
■ Proportional load current sense
■ Shorted load protection
■ Under voltage and overvoltage shutdown
■ Overvoltage clamp




Similar Part No. - VN920-B5H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920-B5 STMICROELECTRONICS-VN920-B5 Datasheet
370Kb / 25P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
Rev. 2
VN920-B513TR STMICROELECTRONICS-VN920-B513TR Datasheet
370Kb / 25P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
Rev. 2
More results


Similar Description - VN920-B5H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN460SP STMICROELECTRONICS-VN460SP Datasheet
76Kb / 9P
SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
Jun-1998
VN610SP STMICROELECTRONICS-VN610SP Datasheet
72Kb / 10P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
Sep-1999
VN920 STMICROELECTRONICS-VN920 Datasheet
370Kb / 25P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
Rev. 2
VN920SP STMICROELECTRONICS-VN920SP Datasheet
273Kb / 16P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VN920PEP STMICROELECTRONICS-VN920PEP Datasheet
181Kb / 10P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
Mar-2004
VNQ660SPTR-E STMICROELECTRONICS-VNQ660SPTR-E Datasheet
408Kb / 26P
Quad channel high side solid state relay
03-Dec-2008
VN460SP-E STMICROELECTRONICS-VN460SP-E Datasheet
87Kb / 9P
SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
Jun-1998
VN920SOTR-E STMICROELECTRONICS-VN920SOTR-E Datasheet
499Kb / 23P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
May-2003
VNQ660SP-E STMICROELECTRONICS-VNQ660SP-E Datasheet
408Kb / 26P
Quad channel high side solid state relay
03-Dec-2008
VN460SPTR-E STMICROELECTRONICS-VN460SPTR-E Datasheet
165Kb / 9P
SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
Sep-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com