Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND5E004ATR-E Datasheet (PDF) - STMicroelectronics

VND5E004ATR-E Datasheet PDF - STMicroelectronics
Part # VND5E004ATR-E
Download  VND5E004ATR-E Download
File Size   974.76 Kbytes
Page   43 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Double 4 m high-side driver with analog current sense for automotive applications

VND5E004ATR-E Datasheet (PDF)

Go To PDF Page Download Datasheet
VND5E004ATR-E Datasheet PDF - STMicroelectronics

Part # VND5E004ATR-E
Download  VND5E004ATR-E Click to download

File Size   974.76 Kbytes
Page   43 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Double 4 m high-side driver with analog current sense for automotive applications

VND5E004ATR-E Datasheet (HTML) - STMicroelectronics


VND5E004ATR-E Product details

Description
The VND5E004A-E and VND5E004ASP30-E are double channel high-side drivers manufactured using ST proprietary VIPower® M0-5 technology and housed in PQFN-12x12 power lead-less and MultiPowerSO-30 packages. The devices are designed to drive 12 V automotive grounded loads, and to provide protection and diagnostics. They also implement a 3 V and 5 V  CMOS-compatible interface for use with any microcontroller. The devices integrate advanced protective functions such as load current limitation, inrush and overload active management by power limitation, overtemperature shut-off with autorestart and overvoltage active clamp. A dedicated analog current sense pin is associated with every output channel providing enhanced diagnostic functions including fast detection of overload and short-circuit to ground through power limitation indication, overtemperature indication, shortcircuit to VCC diagnosis and on-state and off-state open-load detection. The current sensing and diagnostic feedback of the whole device can be disabled by pulling the DE pin low to share the external sense resistor with similar devices. Max transient supply voltage VCC 41 V Operating voltage range VCC 4.5 to 28 V Max on-state resistance (per ch.) RON 4 m Current limitation (typ) ILIMH 90 A Off-state supply current IS 2 µA(1) 1. Typical value with all loads connected MultiPowerSO-30 PQFN - 12x12 Power lead-less




Similar Part No. - VND5E004ATR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E004C30 STMICROELECTRONICS-VND5E004C30 Datasheet
799Kb / 35P
Double 4m high-side driver with analog CurrentSense
02-Nov-2015
VND5E004C30 STMICROELECTRONICS-VND5E004C30 Datasheet
871Kb / 35P
Double 4 mhigh-side driver with analog CurrentSense for automotive applications
11-Jan-2017
VND5E004C30TR-E STMICROELECTRONICS-VND5E004C30TR-E Datasheet
871Kb / 35P
Double 4 mhigh-side driver with analog CurrentSense for automotive applications
11-Jan-2017
VND5E004C30 STMICROELECTRONICS-VND5E004C30_V01 Datasheet
871Kb / 35P
Double 4 mhigh-side driver with analog CurrentSense for automotive applications
11-Jan-2017
More results


Similar Description - VND5E004ATR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
Double channel high side driver with analog current sense for automotive applications
14-Apr-2006
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
Double channel high side driver with analog current sense for automotive applications
22-Jul-2009
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
Double channel high-side driver with analog current sense for automotive applications
09-Jul-2012
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
Double channel high-side driver with analog current sense for automotive applications
24-Oct-2013
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
Double channel high side driver with analog current sense for automotive applications
18-Sep-2013
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
Double channel high-side driver with analog current sense for automotive applications
18-Sep-2013
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
Double-channel high-side driver with analog current sense for automotive applications
18-Sep-2013
VND5004B-E STMICROELECTRONICS-VND5004B-E Datasheet
886Kb / 33P
Double 4 m?쀯?high-side driver with analog current sense for automotive applications
January 2017 Rev 4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com