Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF351 Datasheet (PDF) - Tiger Electronic Co.,Ltd

LF351 Datasheet PDF - Tiger Electronic Co.,Ltd
Part # LF351
Download  LF351 Download
File Size   189.02 Kbytes
Page   5 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description Single Operational Amplifier (JFET)

LF351 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF351 Datasheet PDF - Tiger Electronic Co.,Ltd

Part # LF351
Download  LF351 Click to download

File Size   189.02 Kbytes
Page   5 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description Single Operational Amplifier (JFET)

LF351 Datasheet (HTML) - Tiger Electronic Co.,Ltd


LF351 Product details

Description
The LF351 is JFET input operational amplifier with an internally compensated input offset voltage. The JFET input device provides wide bandwidth, low input bias currents and offset currents.

Features
• Internally trimmed offset voltage: 10mV
• Low input bias current : 50pA
• Wide gain bandwidth : 4MHz
• High slew rate : 13V/µs
• High input impedance : 1012Ω




Similar Part No. - LF351

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF351 STMICROELECTRONICS-LF351 Datasheet
108Kb / 9P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
Oct-1997
logo
Fairchild Semiconductor
LF351 FAIRCHILD-LF351 Datasheet
40Kb / 8P
Single Operational Amplifier (JFET)
logo
National Semiconductor ...
LF351 NSC-LF351 Datasheet
246Kb / 10P
LF351 Wide Bandwidth JFET Input Operational Amplifier
logo
STMicroelectronics
LF351 STMICROELECTRONICS-LF351 Datasheet
742Kb / 9P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
Mar-2001
LF351 STMICROELECTRONICS-LF351 Datasheet
622Kb / 14P
Wide bandwidth single JFET operational amplifiers
28-Apr-2008
More results


Similar Description - LF351

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF411 TI-LF411 Datasheet
172Kb / 7P
JFET-INPUT OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KF351 FAIRCHILD-KF351 Datasheet
34Kb / 6P
Single Operational Amplifier (JFET)
LF347 FAIRCHILD-LF347 Datasheet
42Kb / 6P
Quad Operational Amplifier (JFET)
LF351 FAIRCHILD-LF351 Datasheet
40Kb / 8P
Single Operational Amplifier (JFET)
LF353 FAIRCHILD-LF353 Datasheet
40Kb / 6P
Dual Operational Amplifier (JFET)
logo
Texas Instruments
TL080 TI-TL080_06 Datasheet
222Kb / 13P
JFET-INPUT OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071_07 Datasheet
287Kb / 13P
Low noise JFET single operational amplifier
30-Jul-2007
TL071 STMICROELECTRONICS-TL071_08 Datasheet
309Kb / 15P
Low noise JFET single operational amplifier
19-Sep-2008
logo
Texas Instruments
TL070ACP TI1-TL070ACP Datasheet
311Kb / 16P
JFET-INPUT OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LF351MX FAIRCHILD-LF351MX Datasheet
46Kb / 8P
Single Operational Amplifier (JFET)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com