Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFB0405MA-A Datasheet (PDF) - Delta Electronics, Inc.

AFB0405MA-A Datasheet PDF - Delta Electronics, Inc.
Part # AFB0405MA-A
Download  AFB0405MA-A Download
File Size   831.22 Kbytes
Page   7 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.

AFB0405MA-A Datasheet (PDF)

Go To PDF Page Download Datasheet
AFB0405MA-A Datasheet PDF - Delta Electronics, Inc.

Part # AFB0405MA-A
Download  AFB0405MA-A Click to download

File Size   831.22 Kbytes
Page   7 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.

AFB0405MA-A Datasheet (HTML) - Delta Electronics, Inc.


AFB0405MA-A Product details

AFB 40 x 40 x 10 MM SERIES

* Bearing Type Ball Bearings
* Material
    Impeller & Frame : Plastic(UL 94V-0)
* Lead Wires :
    UL 007 AWG #28 OR Equivalent
    Red Wire Positive(+)
    Black Wire Negative(-)
* Weight : 4.0g (0.49 OZ)
* Rib Type Only




Similar Part No. - AFB0405MA-A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFB0405MB-R00 DELTA-AFB0405MB-R00 Datasheet
750Kb / 8P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
More results


Similar Description - AFB0405MA-A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFC0712DB-F00 DELTA-AFC0712DB-F00 Datasheet
745Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFC0712DD-TP10 DELTA-AFC0712DD-TP10 Datasheet
856Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFC1212D-F00 DELTA-AFC1212D-F00 Datasheet
814Kb / 10P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFC1212D-SP19 DELTA-AFC1212D-SP19 Datasheet
827Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFL28A2LU-BRA01 DELTA-AFL28A2LU-BRA01 Datasheet
1Mb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
ASB0312HA-AF00 DELTA-ASB0312HA-AF00 Datasheet
572Kb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
ASB0312MA-CF00 DELTA-ASB0312MA-CF00 Datasheet
798Kb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AUB0412HDYFM DELTA-AUB0412HDYFM Datasheet
967Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
BFB0712HD DELTA-BFB0712HD Datasheet
1Mb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
BFB1224H-T50R DELTA-BFB1224H-T50R Datasheet
465Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com