Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10BF40 Datasheet (PDF) - International Rectifier

10BF40 Datasheet PDF - International Rectifier
Part # 10BF40
Download  10BF40 Download
File Size   38.29 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE

10BF40 Datasheet (PDF)

Go To PDF Page Download Datasheet
10BF40 Datasheet PDF - International Rectifier

Part # 10BF40
Download  10BF40 Click to download

File Size   38.29 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE

10BF40 Datasheet (HTML) - International Rectifier


10BF40 Product details

Features

For surface mounted applications

Low profile package

Built-in stress relief

Compatible with all pick & place equipments

Ultrafast recovery times for high efficiency

Plastic package has Underwriters Laboratory

  Flammability Classification 94V-O

Glass passivated junction

High temperature soldering: 260°C10 seconds at terminals



 




Similar Part No. - 10BF40

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
10BF40 ZSELEC-10BF40 Datasheet
134Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
10BF40 ZSELEC-10BF40 Datasheet
135Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
More results


Similar Description - 10BF40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EWF IRF-8EWF Datasheet
162Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
20ETF IRF-20ETF Datasheet
211Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
30BF20 IRF-30BF20 Datasheet
68Kb / 4P
SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE
8EWF12S IRF-8EWF12S Datasheet
238Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF10S IRF-8EWF10S Datasheet
153Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF06SPBF IRF-8EWF06SPBF Datasheet
259Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
20ETF06SPBF IRF-20ETF06SPBF Datasheet
331Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
VS-8EWF02S-M3 VISHAY-VS-8EWF02S-M3 Datasheet
228Kb / 8P
Surface Mountable Fast Soft Recovery Diode, 8A
04-Apr-11
VS-8EWF10S-M3 VISHAY-VS-8EWF10S-M3 Datasheet
191Kb / 7P
Surface Mountable Fast Soft Recovery Diode, 8A
17-Nov-11
logo
International Rectifier
8EWF06S IRF-8EWF06S Datasheet
172Kb / 9P
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com