Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72413 Datasheet (PDF) - Vishay Siliconix

72413 Datasheet PDF - Vishay Siliconix
Part # 72413
Download  72413 Download
File Size   182.97 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual N-Channel 2.5-V (G-S) MOSFET

72413 Datasheet (PDF)

Go To PDF Page Download Datasheet
72413 Datasheet PDF - Vishay Siliconix

Part # 72413
Download  72413 Click to download

File Size   182.97 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual N-Channel 2.5-V (G-S) MOSFET

72413 Datasheet (HTML) - Vishay Siliconix


72413 Product details

DESCRIPTION

The attached spice model describes the typical electrical

characteristics of the n-channel vertical DMOS. The subcircuit

model is extracted and optimized over the −55 to 125°C

temperature ranges under the pulsed 0 to 5V gate drive. The

saturated output impedance is best fit at the gate bias near the

threshold voltage.



CHARACTERISTICS

• N-Channel Vertical DMOS

• Macro Model (Subcircuit Model)

• Level 3 MOS

• Apply for both Linear and Switching Application

• Accurate over the −55 to 125°C Temperature Range

• Model the Gate Charge, Transient, and Diode Reverse Recovery Characteristics




Similar Part No. - 72413

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72413L25PG RENESAS-72413L25PG Datasheet
384Kb / 11P
CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
72413L25PG8 RENESAS-72413L25PG8 Datasheet
384Kb / 11P
CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
72413L25SOG RENESAS-72413L25SOG Datasheet
384Kb / 11P
CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
72413L25SOG8 RENESAS-72413L25SOG8 Datasheet
384Kb / 11P
CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
72413L35PG RENESAS-72413L35PG Datasheet
384Kb / 11P
CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
More results


Similar Description - 72413

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6946DQ VISHAY-SI6946DQ Datasheet
50Kb / 4P
Dual N-Channel 2.5-V (G-S) MOSFET
06-Oct-97
SI6925ADQ VISHAY-SI6925ADQ Datasheet
175Kb / 3P
Dual N-Channel 2.5-V (G-S) MOSFET
23-May-04
SI9925DY VISHAY-SI9925DY Datasheet
41Kb / 4P
Dual N-Channel 2.5-V (G-S) MOSFET
26-May-03
SI6926ADQ VISHAY-SI6926ADQ_05 Datasheet
100Kb / 6P
Dual N-Channel 2.5-V (G-S) MOSFET
16-Feb-04
SI5904DC VISHAY-SI5904DC_08 Datasheet
94Kb / 5P
Dual N-Channel 2.5-V (G-S) MOSFET
18-Apr-05
logo
Guangdong Kexin Industr...
KI5904DC KEXIN-KI5904DC Datasheet
66Kb / 2P
Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI5904DC VISHAY-SI5904DC_10 Datasheet
224Kb / 9P
Dual N-Channel 2.5 V (G-S) MOSFET
08-Mar-10
SI6926ADQ VISHAY-SI6926ADQ_08 Datasheet
222Kb / 11P
Dual N-Channel 2.5-V (G-S) MOSFET
12-May-08
logo
DinTek Semiconductor Co...
DTM8205 DINTEK-DTM8205 Datasheet
330Kb / 8P
Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Telefunken
SI6926ADQ TFUNK-SI6926ADQ Datasheet
227Kb / 11P
Dual N-Channel 2.5-V (G-S) MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com