Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5161 Datasheet (PDF) - Analog Devices

AD5161 Datasheet PDF - Analog Devices
Part # AD5161
Download  AD5161 Download
File Size   361.5 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 256-Position SPI/I2C Selectable Digital Potentiometer

AD5161 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5161 Datasheet PDF - Analog Devices

Part # AD5161
Download  AD5161 Click to download

File Size   361.5 Kbytes
Page   7 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 256-Position SPI/I2C Selectable Digital Potentiometer

AD5161 Datasheet (HTML) - Analog Devices


AD5161 Product details

GENERAL DESCRIPTION
The AD5161 provides a compact 3 mm × 4.9 mm packaged solution for 256-position adjustment applications. These devices perform the same electronic adjustment function as mechanical potentiometers or variable resistors, with enhanced resolution, solid-state reliability, and superior low temperature coefficient performance.

FEATURES
    256-position
    End-to-end resistance 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ
    Compact MSOP-10 (3 mm × 4.9 mm) package
    Pin selectable SPI/I2C compatible interface
    Extra package address decode pin AD0
    Full read/write of wiper register
    Power-on preset to midscale
    Single supply 2.7 V to 5.5 V
    Low temperature coefficient 45 ppm/°C
    Low power, IDD = 8 µA
    Wide operating temperature −40°C to +125°C
    SDO output allows multiple device daisy-chaining
    Evaluation board available

APPLICATIONS
    Mechanical potentiometer replacement in new designs
    Transducer adjustment of pressure, temperature, position,
        chemical, and optical sensors
    RF amplifier biasing
    Gain control and offset adjustment




Similar Part No. - AD5161

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5161 AD-AD5161 Datasheet
1,002Kb / 20P
256-Position SPI/I2C Selectable Digital Potentiometer
AD5161 AD-AD5161 Datasheet
503Kb / 20P
256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161BRM10 AD-AD5161BRM10 Datasheet
1,002Kb / 20P
256-Position SPI/I2C Selectable Digital Potentiometer
AD5161BRM10 AD-AD5161BRM10 Datasheet
503Kb / 20P
256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161BRM10-RL7 AD-AD5161BRM10-RL7 Datasheet
1,002Kb / 20P
256-Position SPI/I2C Selectable Digital Potentiometer
More results


Similar Description - AD5161

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5161 AD-AD5161 Datasheet
1,002Kb / 20P
256-Position SPI/I2C Selectable Digital Potentiometer
AD5263 AD-AD5263_12 Datasheet
624Kb / 28P
Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
AD5161BRMZ10 AD-AD5161BRMZ10 Datasheet
503Kb / 20P
256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5161BRMZ100 AD-AD5161BRMZ100 Datasheet
503Kb / 20P
256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5160BRJ100 AD-AD5160BRJ100 Datasheet
485Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5161 AD-AD5161_15 Datasheet
503Kb / 20P
256-Position SPI/IC Selectable Digital Potentiometer
REV. B
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com