Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LET Datasheet (PDF) - Cooper Bussmann, Inc.

25LET Datasheet PDF - Cooper Bussmann, Inc.
Part # 25LET
Download  25LET Download
File Size   38.57 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description 25-180A, 240 Volts

25LET Datasheet (PDF)

Go To PDF Page Download Datasheet
25LET Datasheet PDF - Cooper Bussmann, Inc.

Part # 25LET
Download  25LET Click to download

File Size   38.57 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description 25-180A, 240 Volts

25LET Datasheet (HTML) - Cooper Bussmann, Inc.




Similar Part No. - 25LET

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
25LET COOPER-25LET Datasheet
49Kb / 2P
Electrical Characteristics, Total Clearing I2t, Arc Voltage, Power Losses
More results


Similar Description - 25LET

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D180SC4M SHINDENGEN-D180SC4M Datasheet
17Kb / 1P
Schottky Rectifiers (SBD) (40V 180A)
logo
Central Semiconductor C...
2N686 CENTRAL-2N686 Datasheet
98Kb / 2P
SILICON CONTROLLED RECTIFIER 25 AMPS, 25 THRU 800 VOLTS
logo
Fairchild Semiconductor
FGA180N33ATTU FAIRCHILD-FGA180N33ATTU Datasheet
695Kb / 8P
330V, 180A PDP Trench IGBT
logo
Cooper Bussmann, Inc.
160LMT COOPER-160LMT Datasheet
40Kb / 2P
160-450A, 240 Volts
400LMMT COOPER-400LMMT Datasheet
38Kb / 2P
400-900A, 240 Volts
logo
Powerex Power Semicondu...
CP25TD1-24A POWEREX-CP25TD1-24A Datasheet
342Kb / 6P
25 Amperes/1200 Volts
logo
Rohm
RZ2L18CGN ROHM-RZ2L18CGN Datasheet
2Mb / 15P
Nch 60V 180A Power MOSFET
RX3G18BGN ROHM-RX3G18BGN Datasheet
2Mb / 14P
Nch 40V 180A Power MOSFET
logo
MacMic
MMD180S MACMIC-MMD180S Datasheet
197Kb / 3P
180A Rectifier Diode Module
logo
Shindengen Electric Mfg...
ST70-27FZ SHINDENGEN-ST70-27FZ Datasheet
1Mb / 5P
TVS 180A, 7000W
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com