Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO6400 Datasheet (PDF) - List of Unclassifed Manufacturers

AO6400 Datasheet PDF - List of Unclassifed Manufacturers
Part # AO6400
Download  AO6400 Download
File Size   315.85 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description N-Channel Enhancement Mode Field Effect Transistor

AO6400 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO6400 Datasheet PDF - List of Unclassifed Manufacturers

Part # AO6400
Download  AO6400 Click to download

File Size   315.85 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description N-Channel Enhancement Mode Field Effect Transistor

AO6400 Datasheet (HTML) - List of Unclassifed Manufacturers


AO6400 Product details

[SHENZHENFREESCALE]



General Description

The AO6400 uses advanced trench technology to provide excellent RDS(ON) , low gate charge and operation with gate voltages as low as 2.5V. This device is suitable for use as a load switch or in PWM applications.



Features

  VDS (V) = 30V

  ID = 6.9 A

  RDS(ON) < 28mΩ (VGS = 10V)

  RDS(ON) < 33mΩ (VGS = 4.5V)

  RDS(ON) < 52mΩ (VGS = 2.5V)



 




Similar Part No. - AO6400

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6400 AOSMD-AO6400 Datasheet
495Kb / 5P
30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6400 KEXIN-AO6400 Datasheet
1Mb / 4P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO6400 VBSEMI-AO6400 Datasheet
1Mb / 9P
N-Channel 30 V (D-S) MOSFET
logo
Guangdong Youtai Semico...
AO6400 UMW-AO6400 Datasheet
345Kb / 8P
N-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
AO6400 EVVOSEMI-AO6400 Datasheet
580Kb / 8P
N-Channel MOSFET
Rev:2023A2
More results


Similar Description - AO6400

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com