Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82799 Datasheet (PDF) - List of Unclassifed Manufacturers

B82799 Datasheet PDF - List of Unclassifed Manufacturers
Part # B82799
Download  B82799 Download
File Size   81.34 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Chokes for Data and Signal Lines

B82799 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82799 Datasheet PDF - List of Unclassifed Manufacturers

Part # B82799
Download  B82799 Click to download

File Size   81.34 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Chokes for Data and Signal Lines

B82799 Datasheet (HTML) - List of Unclassifed Manufacturers


B82799 Product details

[EPCOS AG]



Chokes for Data and Signal Lines CAN Bus Choke, EIA 1812



Rated voltage 42 Vac/80 Vdc

Rated current 100 to 300 mA

Rated inductance 11 to 470 µH



Features

■High performance

■Case flame-retardant as per UL 94 V-0

■Suitable for reflow soldering and conductive adhesion

■Operation up to 150°C (for LR<500 µH)



Construction

■Current-compensated ring core double choke with ferrite core

■Bifilar winding (B82799-C…)

■Sector winding (B82799-S…)



Applications

■B82799-C:

Suppression of asymmetrical interference coupled in on lines, whereas data signals up to some MHz can pass unaffectedly

■B82799-S:

Suppression of asymmetrical (by LR) and symmetrical interference (by LS) coupled in on lines. The high-frequency portions of the symmetrical data signal are decreased so far that EMC problems can be significantly reduced



Terminals

Gold plated



 




Similar Part No. - B82799

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82799-C113-N1 EPCOS-B82799-C113-N1 Datasheet
66Kb / 4P
Chokes for Data and Signal Lines
B82799-S223-N1 EPCOS-B82799-S223-N1 Datasheet
66Kb / 4P
Chokes for Data and Signal Lines
B82799-S333-N1 EPCOS-B82799-S333-N1 Datasheet
66Kb / 4P
Chokes for Data and Signal Lines
B82799-S513-N1 EPCOS-B82799-S513-N1 Datasheet
66Kb / 4P
Chokes for Data and Signal Lines
B82799C0 EPCOS-B82799C0 Datasheet
246Kb / 10P
Data and signal line chokes
More results


Similar Description - B82799

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82799 EPCOS-B82799_00 Datasheet
66Kb / 4P
Chokes for Data and Signal Lines
B82790-C0502-N201 EPCOS-B82790-C0502-N201 Datasheet
106Kb / 5P
Chokes for Data and Signal Lines
B82790-C0475-N340 EPCOS-B82790-C0475-N340 Datasheet
75Kb / 5P
Chokes for Data and Signal Lines
B82793-C2 EPCOS-B82793-C2 Datasheet
56Kb / 3P
Chokes for Data and Signal Lines
B82794-C2 EPCOS-B82794-C2 Datasheet
77Kb / 4P
Chokes for Data and Signal Lines
B82796-C0 EPCOS-B82796-C0 Datasheet
99Kb / 4P
Chokes for Data and Signal Lines
B82720-H15 EPCOS-B82720-H15 Datasheet
59Kb / 2P
Chokes for Data and Signal Lines
B82791-G15 EPCOS-B82791-G15 Datasheet
82Kb / 3P
Chokes for Data and Signal Lines
B82796-C2 EPCOS-B82796-C2 Datasheet
63Kb / 2P
Chokes for Data and Signal Lines
B82791-G14 EPCOS-B82791-G14 Datasheet
74Kb / 2P
Chokes for Data and Signal Lines
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com