Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAC-1 Datasheet (PDF) - Cooper Bussmann, Inc.

KAC-1 Datasheet PDF - Cooper Bussmann, Inc.
Part # KAC-1
Download  KAC-1 Download
File Size   32.01 Kbytes
Page   1 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description KAC 600V

KAC-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
KAC-1 Datasheet PDF - Cooper Bussmann, Inc.

Part # KAC-1
Download  KAC-1 Click to download

File Size   32.01 Kbytes
Page   1 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description KAC 600V

KAC-1 Datasheet (HTML) - Cooper Bussmann, Inc.




Similar Part No. - KAC-1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KAC-1 COOPER-KAC-1 Datasheet
750Kb / 20P
High Speed Fuses
KAC-10 COOPER-KAC-10 Datasheet
750Kb / 20P
High Speed Fuses
KAC-100 COOPER-KAC-100 Datasheet
750Kb / 20P
High Speed Fuses
KAC-1000 COOPER-KAC-1000 Datasheet
750Kb / 20P
High Speed Fuses
KAC-110 COOPER-KAC-110 Datasheet
750Kb / 20P
High Speed Fuses
More results


Similar Description - KAC-1

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCHMB50A6A NIEC-PCHMB50A6A_1 Datasheet
115Kb / 3P
50A 600V
PCHMB100A6A NIEC-PCHMB100A6A_1 Datasheet
126Kb / 3P
100A 600V
PRHMB50A6A NIEC-PRHMB50A6A_1 Datasheet
127Kb / 3P
50A 600V
PRHMB100A6 NIEC-PRHMB100A6_1 Datasheet
115Kb / 3P
100A 600V
PRHMB300A6AC NIEC-PRHMB300A6AC_1 Datasheet
126Kb / 3P
300A 600V
logo
List of Unclassifed Man...
KAC-9630 ETC2-KAC-9630 Datasheet
646Kb / 22P
KODAK KAC-9630 CMOS IMAGE SENSOR
logo
National Instruments Co...
PCHMB200E6 NI-PCHMB200E6_15 Datasheet
262Kb / 4P
150A, 600V
PCHMB400E6 NI-PCHMB400E6_15 Datasheet
254Kb / 4P
400A, 600V
logo
E-SWITCH
KAC E-SWITCH-KAC Datasheet
775Kb / 2P
kac SerieS Dip Switch
logo
Schneider Electric
PJL36060 SCHNEIDER-PJL36060 Datasheet
142Kb / 2P
MOLDED CASE CIRCUIT BREAKER 600V 600V
Oct 29, 2020
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com