Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEC Datasheet (PDF) - Cooper Bussmann, Inc.

HEC Datasheet PDF - Cooper Bussmann, Inc.
Part # HEC
Download  HEC Download
File Size   51.22 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Single-Pole for SC Type Fuses

HEC Datasheet (PDF)

Go To PDF Page Download Datasheet
HEC Datasheet PDF - Cooper Bussmann, Inc.

Part # HEC
Download  HEC Click to download

File Size   51.22 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Single-Pole for SC Type Fuses

HEC Datasheet (HTML) - Cooper Bussmann, Inc.




Similar Part No. - HEC

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HEC COOPER-HEC Datasheet
51Kb / 2P
TRON짢 In-Line Fuseholders
logo
TE Connectivity Ltd
HEC005N00000200000 TEC-HEC005N00000200000 Datasheet
122Kb / 1P
insulation insert Code 1
logo
Hosiden Corporation
HEC0470-01-600AE HOSIDEN-HEC0470-01-600AE Datasheet
210Kb / 5P
HEC0470 POWER JACK
HEC0470-01-630 HOSIDEN-HEC0470-01-630 Datasheet
210Kb / 5P
HEC0470 POWER JACK
HEC0470-01-640 HOSIDEN-HEC0470-01-640 Datasheet
210Kb / 5P
HEC0470 POWER JACK
More results


Similar Description - HEC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
153007 LITTELFUSE-153007 Datasheet
144Kb / 2P
For MINI Fuses P.C. Board Mount Type
155320U LITTELFUSE-155320U Datasheet
217Kb / 2P
For ATO Fuses In-Line Type
155320U LITTELFUSE-155320U_1 Datasheet
59Kb / 1P
For ATO Fuses In-Line Type
logo
Cooper Bussmann, Inc.
4421 COOPER-4421 Datasheet
98Kb / 1P
Single pole fuse blocks for 13??2" X 1 1??" (10.3 X 38.1mm) fuses.
ATM-3 COOPER-ATM-3 Datasheet
83Kb / 1P
Blade-Type Fuses
ATM-4 COOPER-ATM-4 Datasheet
83Kb / 1P
Blade-Type Fuses
4515 COOPER-4515 Datasheet
98Kb / 1P
Single pole fuse blocks for 13??2" X 1 1??" (10.3 X 38.1mm) fuses
logo
ALPS ELECTRIC CO.,LTD.
SDDJF1A ALPS-SDDJF1A Datasheet
894Kb / 3P
Slim Type Single Pole Rocker Type
logo
Hirose Electric
HSC-AT5 HIROSE-HSC-AT5 Datasheet
86Kb / 2P
SC Type Fixed Attenuators(for multimode)
HSC-AT11 HIROSE-HSC-AT11 Datasheet
121Kb / 5P
SC Type Fixed Attenuators (for single mode)
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com