Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVA2411T Datasheet (PDF) - Calogic, LLC

CVA2411T Datasheet PDF - Calogic, LLC
Part # CVA2411T
Download  CVA2411T Download
File Size   130.02 Kbytes
Page   10 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description Improved Low Cost Triple CRT Driver

CVA2411T Datasheet (PDF)

Go To PDF Page Download Datasheet
CVA2411T Datasheet PDF - Calogic, LLC

Part # CVA2411T
Download  CVA2411T Click to download

File Size   130.02 Kbytes
Page   10 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description Improved Low Cost Triple CRT Driver

CVA2411T Datasheet (HTML) - Calogic, LLC


CVA2411T Product details

DESCRIPTION
The CVA2411TX is an improved low cost version that features excellent gray scale linearity with no crossover distortion and less EMI for 64KHz (horizontal scanning frequency) monitors. The CVA2411TX can be used with pre-amplifiers where the common emitter transistor is part of the pre-amp. With this device, OSD, peaking coil, and peaking capacitor can be available. A very small heat sink is required to pick-up ground from the standard TO220 package Tab. With 65MHz bandwidth, the device is an ideal low cost solution for 14", 15" and 17" monitors.

FEATURES
• Ease of Use
• Small Heat Sink
• OSD Option
• EMI Control Option
• Excellent Gray Scale Linearity

APPLICATIONS
• CRT Displays for 1280 x 1024 Resolution with Pixel Clock Frequency up to 160MHz




Similar Part No. - CVA2411T

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CVA2411TX CALOGIC-CVA2411TX Datasheet
50Kb / 4P
Improved Low Cost Triple CRT Driver
CVA2411TX CALOGIC-CVA2411TX Datasheet
22Kb / 1P
CRT Driver Amplifiers
More results


Similar Description - CVA2411T

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CVA2400A CALOGIC-CVA2400A Datasheet
67Kb / 5P
Low Cost Triple CRT Driver
CVA2400T CALOGIC-CVA2400T Datasheet
39Kb / 4P
Low Cost Triple CRT Driver
CVA2401T CALOGIC-CVA2401T Datasheet
69Kb / 5P
Low Cost Triple CRT Driver
CVA2403T CALOGIC-CVA2403T Datasheet
50Kb / 5P
Low Cost Triple CRT Driver
CVA2405T CALOGIC-CVA2405T Datasheet
53Kb / 4P
Low Cost Triple CRT Driver
CVA2411TX CALOGIC-CVA2411TX Datasheet
50Kb / 4P
Improved Low Cost Triple CRT Driver
CVA2422TL CALOGIC-CVA2422TL Datasheet
53Kb / 5P
Low Cost Triple CRT Driver
CVA3404T CALOGIC-CVA3404T Datasheet
56Kb / 4P
Low Cost Triple CRT Driver
CVA3405T CALOGIC-CVA3405T Datasheet
56Kb / 4P
Low Cost Triple CRT Driver
CVA3407T CALOGIC-CVA3407T Datasheet
56Kb / 4P
Low Cost Triple CRT Driver
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com