Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-054L Datasheet (PDF) - Broadcom Corporation.

ACPL-054L Datasheet PDF - Broadcom Corporation.
Part # ACPL-054L
Download  ACPL-054L Download
File Size   835.78 Kbytes
Page   18 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description Low Power, 1 MBd Digital Optocoupler

ACPL-054L Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-054L Datasheet PDF - Broadcom Corporation.

Part # ACPL-054L
Download  ACPL-054L Click to download

File Size   835.78 Kbytes
Page   18 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description Low Power, 1 MBd Digital Optocoupler

ACPL-054L Datasheet (HTML) - Broadcom Corporation.


ACPL-054L Product details

Description
The Broadcom® ACPL-M50L (single-channel in SO-5 footprint), ACPL-054L (dual-channel in SO-8 footprint), ACPL-W50L (single-channel in stretched SO-6 footprint), and ACPL-K54L (dual-channel in stretched SO-8 footprint) are low power, low-input current, 1 MBd digital optocouplers.

Features
● Wide supply voltage Vcc: 2.7V to 24V
● Low drive current: 3 mA
● Open-collector output
● TTL compatible
● Compact SO-5, SO-8, stretched SO-6, and stretched SO-8 package
● 15 kV/μs high common-mode rejection at VCM = 1500 V
● Guaranteed performance from temperature range: –40°C to +105°C
● Low propagation delay: 1 μs max at 5V
● Worldwide safety approval:
  — UL1577 recognized, 3750 Vrms/1 min for ACPL-M50L/054L, 5000 Vrms/1 min for ACPL-W50L/K54
  — CSA Approval
  — IEC/EN/DIN EN 60747-5-5 Approval for Reinforced Insulation

Applications
● Communications interface
● Digital signal isolation
● Micro-controller interface
● Feedback elements in switching power supplies
● Digital isolation for A/D, D/A conversion digital field




Similar Part No. - ACPL-054L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
Low Power, 1 MBd Digital Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-054L-000E AVAGO-ACPL-054L-000E Datasheet
165Kb / 16P
Low Power, 1MBd Digital Optocoupler
ACPL-054L-060E AVAGO-ACPL-054L-060E Datasheet
165Kb / 16P
Low Power, 1MBd Digital Optocoupler
ACPL-054L-500E AVAGO-ACPL-054L-500E Datasheet
165Kb / 16P
Low Power, 1MBd Digital Optocoupler
ACPL-054L-560E AVAGO-ACPL-054L-560E Datasheet
165Kb / 16P
Low Power, 1MBd Digital Optocoupler
More results


Similar Description - ACPL-054L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
Low Power, 5 MBd Digital CMOS Optocoupler
ACNV2601-300E AVAGO-ACNV2601-300E Datasheet
374Kb / 11P
High Insulation Voltage 10 MBd Digital Optocoupler
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
Low Power, 5 MBd Digital CMOS Optocoupler
ACNV2601 AVAGO-ACNV2601 Datasheet
374Kb / 11P
High Insulation Voltage 10 MBd Digital Optocoupler
ACNW261L-500E AVAGO-ACNW261L-500E Datasheet
607Kb / 17P
Ultra Low Power 10 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
Low Power, 5-MBd Digital CMOS Optocoupler
ACPL-M21L BOARDCOM-ACPL-M21L Datasheet
721Kb / 16P
Low Power, 5-MBd Digital CMOS Optocoupler
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
Low Power, 1 MBd Digital Optocoupler
ACNV2601 BOARDCOM-ACNV2601 Datasheet
1Mb / 13P
High Insulation Voltage 10-MBd Digital Optocoupler
ACPL-M61M BOARDCOM-ACPL-M61M Datasheet
685Kb / 12P
2.5V/3.3V Low-Power 10 MBd Digital Optocoupler
February 19, 2019
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com