Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1411 Datasheet (PDF) - Dallas Semiconductor

DS1411 Datasheet PDF - Dallas Semiconductor
Part # DS1411
Download  DS1411 Download
File Size   50.27 Kbytes
Page   1 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Serial Port iButton Holder

DS1411 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1411 Datasheet PDF - Dallas Semiconductor

Part # DS1411
Download  DS1411 Click to download

File Size   50.27 Kbytes
Page   1 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Serial Port iButton Holder

DS1411 Datasheet (HTML) - Dallas Semiconductor


DS1411 Product details

DESCRIPTION
The DS1411 is a sophisticated RS232 to 1-Wire TM adapter and iButton holder which performs RS232 level conversion and actively generates the 1-Wire communication signals. Together with an adequate TMEX software driver it enables an IBM-compatible PC or laptop computer to directly read all and write any non-EPROM iButton devices. The DS1411 has a DS9098 retainer for a single F5 MicroCan and can replace the DS9097U-009 in applications that use only a single iButton. Multiple iButtons can be connected using standard MicroLAN Cables and button holders (see DS1401 and DS1402x data sheets).

FEATURES
◾ Small size, true-ground interface to an RS232 COM Port for reading and writing iButton devices
◾ Works with bipolar logic signals of ± 5V to ± 12V (RS232C) as well as unipolar signals of 5V to 12V
◾ Supports reading and writing at regular and Overdrive speeds
◾ Provides strong pullup to 5V for Temperature iButton, Crypto iButton and EEPROM iButton
◾ Communicates at data rates of 9.6k (default), 19.2k, 57.6k and 115.2k bits/s
◾ Powered entirely from an RS232 interface
◾ Standard DB female connector for mating to the COM Port of a computer with DS9098 iButton Retainer for a single iButton or MicroLAN Cable (DS1402x)




Similar Part No. - DS1411

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1411 MAXIM-DS1411 Datasheet
58Kb / 2P
Provides Strong Pullup to 5V for Temperature iButton and EEPROM iButton
Rev 6/11
DS1411 MAXIM-DS1411 Datasheet
266Kb / 3P
1-Wire Network Cables
2/15
DS1411-009 MAXIM-DS1411-009 Datasheet
58Kb / 2P
Provides Strong Pullup to 5V for Temperature iButton and EEPROM iButton
Rev 6/11
DS1411-009 MAXIM-DS1411-009 Datasheet
58Kb / 2P
Serial Port iButton Holder
Rev 6/11
DS1411-009# MAXIM-DS1411-009# Datasheet
58Kb / 2P
Serial Port iButton Holder
Rev 6/11
More results


Similar Description - DS1411

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1413 DALLAS-DS1413 Datasheet
115Kb / 1P
Passive Serial Port iButton Holder
DS1990A DALLAS-DS1990A Datasheet
151Kb / 10P
Serial Number iButton
DS1963S DALLAS-DS1963S Datasheet
349Kb / 37P
SHA iButton
logo
Maxim Integrated Produc...
DS1990A MAXIM-DS1990A Datasheet
149Kb / 10P
Serial Number iButton
Rev: 10/08
DS1413 MAXIM-DS1413 Datasheet
163Kb / 2P
Passive Serial Port iButton Holder
8/09
DS1401 MAXIM-DS1401 Datasheet
226Kb / 2P
Front-Panel iButton Holder
8/09
DS1990R MAXIM-DS1990R Datasheet
160Kb / 10P
Serial Number iButton
Rev 4; 8/10
DS1990R-F5 MAXIM-DS1990R-F5 Datasheet
162Kb / 11P
Serial Number iButton
Rev 4; 8/10
DS9092 MAXIM-DS9092 Datasheet
274Kb / 3P
iButton Probe
8/09
DS1411-009 MAXIM-DS1411-009 Datasheet
58Kb / 2P
Serial Port iButton Holder
Rev 6/11
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com