Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1923-F5 Datasheet (PDF) - Dallas Semiconductor

DS1923-F5 Datasheet PDF - Dallas Semiconductor
Part # DS1923-F5
Download  DS1923-F5 Download
File Size   495.15 Kbytes
Page   52 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory

DS1923-F5 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1923-F5 Datasheet PDF - Dallas Semiconductor

Part # DS1923-F5
Download  DS1923-F5 Click to download

File Size   495.15 Kbytes
Page   52 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory

DS1923-F5 Datasheet (HTML) - Dallas Semiconductor


DS1923-F5 Product details

iButton DESCRIPTION
The DS1923 temperature/humidity logger iButton is a rugged, self-sufficient system that measures temperature and/or humidity and records the result in a protected memory section. The recording is done at a user-defined rate. A total of 8192 8-bit readings or 4096 16-bit readings taken at equidistant intervals ranging from 1s to 273hrs can be stored. In addition to this, there are 512 bytes of SRAM for storing application-specific information and 64 bytes for calibration data.

SPECIAL FEATURES
■ Digital Hygrometer Measures Humidity with 8-Bit (0.6%RH) or 12-Bit (0.04%RH) Resolution
■ Operating Range: -20 to +85°C; 0 to 100%RH (see Safe Operating Range)
■ Automatically Wakes Up, Measures Temperature and/or Humidity and Stores Values in 8kB of Datalog Memory in 8- or 16-Bit Format
■ Digital Thermometer Measures Temperature with 8-Bit (0.5°C) or 11-Bit (0.0625°C) Resolution
■ Temperature Accuracy Better than ±0.5°C from -10°C to +65°C with Software Correction
■ Built-in Humidity Sensor for Simultaneous Temperature and Humidity Logging
■ Capacitive Polymer Humidity-Sensing Element
■ Hydrophobic Filter Protects Sensor Against Dust, Dirt, Water, and Contaminants
■ Sampling Rate from 1s up to 273hrs
■ Programmable Recording Start Delay After Elapsed Time or Upon a Temperature Alarm Trip Point
■ Programmable High and Low Trip Points for Temperature and Humidity Alarms
■ Quick Access to Alarmed Devices Through 1-Wire® Conditional Search Function
■ 512 Bytes of General-Purpose Memory Plus 64 Bytes of Calibration Memory
■ Two-Level Password Protection of All Memory and Configuration Registers
■ Communicates to Host with a Single Digital Signal at Up to 15.4kbps at Standard Speed or Up to 125kbps in Overdrive Mode Using 1-Wire Protocol
■ Individually Calibrated in a NIST-Traceable Chamber
■ Calibration Coefficients for Temperature and Humidity Factory Programmed into Nonvolatile (NV) Memory

APPLICATIONS
■ Temperature and Humidity Logging in Food Preparation and Processing
■ Transportation of Temperature- and HumiditySensitive Goods, Industrial Production
■ Warehouse Monitoring
■ Environmental Studies/Monitoring




Similar Part No. - DS1923-F5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1923-F5 DALLAS-DS1923-F5 Datasheet
350Kb / 53P
Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
logo
Maxim Integrated Produc...
DS1923-F5 MAXIM-DS1923-F5 Datasheet
642Kb / 55P
Hygrochron Temperature/Humidity Logger iButton with 8KB Data-Log Memory
Rev 3; 10/09
More results


Similar Description - DS1923-F5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1922L DALLAS-DS1922L Datasheet
428Kb / 48P
Temperature Logger iButton With 8kB Datalog Memory
logo
Maxim Integrated Produc...
DS1922L MAXIM-DS1922L Datasheet
571Kb / 50P
Temperature Logger iButton With 8kB Datalog Memory
REV: 120407
logo
Dallas Semiconductor
DS1923 DALLAS-DS1923_1 Datasheet
350Kb / 53P
Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
logo
Maxim Integrated Produc...
DS1922E MAXIM-DS1922E_09 Datasheet
387Kb / 44P
High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 2; 6/09
DS1923 MAXIM-DS1923 Datasheet
642Kb / 55P
Hygrochron Temperature/Humidity Logger iButton with 8KB Data-Log Memory
Rev 3; 10/09
DS1922E MAXIM-DS1922E_11 Datasheet
418Kb / 44P
High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 3; 4/11
DS1922L MAXIM-DS1922L_11 Datasheet
714Kb / 52P
Temperature Logger iButton with 8KB Data-Log Memory
Rev 10; 4/11
DS1923 MAXIM-DS1923_11 Datasheet
649Kb / 55P
Hygrochron Temperature/Humidity Logger
Rev 4; 4/11
DS1925 MAXIM-DS1925 Datasheet
902Kb / 46P
iButton High-Capacity Temperature Logger with 122KB Data-Log Memory
Rev 4; 6/20
DS1922E MAXIM-DS1922E_V01 Datasheet
1Mb / 44P
iButton High-Temperature Logger with 8KB Datalog Memory
2017
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com