Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1855E-010/R Datasheet (PDF) - Dallas Semiconductor

DS1855E-010/R Datasheet PDF - Dallas Semiconductor
Part # DS1855E-010/R
Download  DS1855E-010/R Download
File Size   252.32 Kbytes
Page   20 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Dual Nonvolatile Digital Potentiometer and Secure Memory

DS1855E-010/R Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1855E-010/R Datasheet PDF - Dallas Semiconductor

Part # DS1855E-010/R
Download  DS1855E-010/R Click to download

File Size   252.32 Kbytes
Page   20 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Dual Nonvolatile Digital Potentiometer and Secure Memory

DS1855E-010/R Datasheet (HTML) - Dallas Semiconductor


DS1855E-010/R Product details

DESCRIPTION
The DS1855 dual nonvolatile (NV) digital potentiometer and secure memory consists of one100-position linear taper potentiometer, one256-position linear taper potentiometer, 256 bytes of EEPROM memory, and a 2-wire interface. The DS1855, which features a new software write protect, is an upgrade of the DS1845. The DS1855 provides an ideal method for setting bias voltages and currents in control applications using a minimum of circuitry.

FEATURES
■ Two linear taper potentiometers
    - DS1855-010 (one 10k, 100 position and one 10k, 256 position)
    - DS1855-020 (one 10k, 100 position and one 20k, 256 position)
    - DS1855-050 (one 10k, 100 position and one 50k, 256 position)
    - DS1855-100 (one 10k, 100 position and one 100k, 256 position)
■ 256 bytes of EEPROM memory
■ Access to data and potentiometer control via a 2-wire interface
■ External write-protect pin to protect data and potentiometer settings
■ Data and potentiometer settings also can be write-protected through software control
■ Nonvolatile wiper storage
■ Operates from 3V or 5V supplies
■ Packaging: 14-pin TSSOP, 16-ball STPBGA, flip-chip package
■ Industrial operating temperature: -40ºC to +85ºC
■ Programming temperature: 0ºC to +85ºC




Similar Part No. - DS1855E-010/R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1855 MAXIM-DS1855 Datasheet
509Kb / 21P
Dual Nonvolatile Digital Potentiometer and Secure Memory
19-6586; Rev 2; 1/13
More results


Similar Description - DS1855E-010/R

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9221 XICOR-X9221 Datasheet
65Kb / 14P
Dual E2POT??Nonvolatile Digital Potentiometer
logo
Analog Devices
AD5232 AD-AD5232 Datasheet
268Kb / 20P
8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV.0
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
logo
Maxim Integrated Produc...
DS1855 MAXIM-DS1855 Datasheet
509Kb / 21P
Dual Nonvolatile Digital Potentiometer and Secure Memory
19-6586; Rev 2; 1/13
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com