Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSEP130-06A Datasheet (PDF) - IXYS Corporation

DSEP130-06A Datasheet PDF - IXYS Corporation
Part # DSEP130-06A
Download  DSEP130-06A Download
File Size   17.71 Kbytes
Page   1 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description HiPerFRED Epitaxial Diode with soft recovery

DSEP130-06A Datasheet (PDF)

Go To PDF Page Download Datasheet
DSEP130-06A Datasheet PDF - IXYS Corporation

Part # DSEP130-06A
Download  DSEP130-06A Click to download

File Size   17.71 Kbytes
Page   1 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description HiPerFRED Epitaxial Diode with soft recovery

DSEP130-06A Datasheet (HTML) - IXYS Corporation


DSEP130-06A Product details

IFAV = 130 A
VRRM = 600 V
trr = 35 ns

Features
• International standard package
• Planar passivated chips
• Very short recovery time
• Extremely low switching losses
• Low IRM-values
• Soft recovery behaviour
• Epoxy meets UL 94V-0

Applications
• Antiparallel diode for high frequency
switching devices
• Antisaturation diode
• Snubber diode
• Free wheeling diode in converters and motor control circuits
• Rectifiers in switch mode power supplies (SMPS)
• Inductive heating
• Uninterruptible power supplies (UPS)
• Ultrasonic cleaners and welders




Similar Part No. - DSEP130-06A

ManufacturerPart #DatasheetDescription
logo
Deep Sea Electronics
DSEP100 DSE-DSEP100 Datasheet
584Kb / 2P
MAINS (UTILITY) DECOUPLING RELAY
logo
IXYS Corporation
DSEP12-12A IXYS-DSEP12-12A Datasheet
35Kb / 2P
HiPerFRED Epitaxial Diode with soft recovery
logo
Thinki Semiconductor Co...
DSEP12-12A THINKISEMI-DSEP12-12A Datasheet
541Kb / 3P
15 Ampere,1200 Volt SwitchMode Single Fast Recovery Epitaxial Diode
logo
Inchange Semiconductor ...
DSEP12-12A ISC-DSEP12-12A Datasheet
266Kb / 2P
Ultra fast Rectifier
DSEP12-12AZ ISC-DSEP12-12AZ Datasheet
258Kb / 2P
Ultra fast Rectifier
More results


Similar Description - DSEP130-06A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L507 IXYS-L507 Datasheet
37Kb / 2P
HiPerFRED Epitaxial Diode with soft recovery
DSEP29-12A IXYS-DSEP29-12A Datasheet
35Kb / 2P
HiPerFRED Epitaxial Diode with soft recovery
DSEP8-03A IXYS-DSEP8-03A Datasheet
36Kb / 2P
HiPerFRED Epitaxial Diode with soft recovery
DSEP2X61-06A IXYS-DSEP2X61-06A Datasheet
39Kb / 2P
HiPerFRED Epitaxial Diode with soft recovery
DSEP12-12A IXYS-DSEP12-12A Datasheet
35Kb / 2P
HiPerFRED Epitaxial Diode with soft recovery
DSEP60-12AR IXYS-DSEP60-12AR Datasheet
27Kb / 1P
HiPerFRED Epitaxial Diode with soft recovery
DSEP60-025A IXYS-DSEP60-025A Datasheet
15Kb / 1P
HiPerFRED Epitaxial Diode with soft recovery
DSEP8-03AS IXYS-DSEP8-03AS Datasheet
50Kb / 2P
HiPerFRED Epitaxial Diode with soft recovery
DSEP40-03AS IXYS-DSEP40-03AS Datasheet
27Kb / 1P
HiPerFRED Epitaxial Diode with soft recovery
DSEP12-12B IXYS-DSEP12-12B Datasheet
158Kb / 2P
HiPerFRED Epitaxial Diode with soft recovery
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com