Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V20PWM12 Datasheet (PDF) - Vishay Siliconix

V20PWM12 Datasheet PDF - Vishay Siliconix
Part # V20PWM12
Download  V20PWM12 Download
File Size   120.33 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Density Surface Mount

V20PWM12 Datasheet (PDF)

Go To PDF Page Download Datasheet
V20PWM12 Datasheet PDF - Vishay Siliconix

Part # V20PWM12
Download  V20PWM12 Click to download

File Size   120.33 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Density Surface Mount

V20PWM12 Datasheet (HTML) - Vishay Siliconix


V20PWM12 Product details

Ultra Low VF = 0.51 V at IF = 5 A

FEATURES
• Very low profile - typical height of 1.3 mm
• Trench MOS Schottky technology
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHM3




Similar Part No. - V20PWM12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V20PWM12 VISHAY-V20PWM12 Datasheet
118Kb / 5P
High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.51 V at IF = 5 A
11-Feb-2019
V20PWM12C VISHAY-V20PWM12C Datasheet
120Kb / 5P
High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
01-Jun-17
V20PWM12C VISHAY-V20PWM12C_V01 Datasheet
141Kb / 5P
High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.55 V at IF = 5 A
17-Mar-2022
V20PWM12 VISHAY-V20PWM12_V01 Datasheet
118Kb / 5P
High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.51 V at IF = 5 A
11-Feb-2019
More results


Similar Description - V20PWM12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S4PG-M3 VISHAY-S4PG-M3 Datasheet
94Kb / 5P
High Current Density Surface Mount
05-Jul-12
logo
Bruckewell Technology L...
SS15P50 BWTECH-SS15P50 Datasheet
543Kb / 3P
High Current Density Surface Mount
SS10PU200 BWTECH-SS10PU200 Datasheet
618Kb / 2P
High Current Density Surface Mount
logo
Vishay Siliconix
SS2P3-M3 VISHAY-SS2P3-M3 Datasheet
87Kb / 4P
High Current Density Surface Mount High Current Density Surface Mount
02-Aug-13
SS3P3 VISHAY-SS3P3_15 Datasheet
87Kb / 4P
High Current Density Surface Mount Schottky Barrier Rectifiers
13-Apr-15
SS5P4 VISHAY-SS5P4_15 Datasheet
97Kb / 6P
High Current Density Surface Mount
02-Aug-13
SS5P10 VISHAY-SS5P10_15 Datasheet
96Kb / 6P
High Current Density Surface Mount
18-Jun-12
SS8PH10 VISHAY-SS8PH10_15 Datasheet
96Kb / 6P
High Current Density Surface Mount
16-Jan-14
V15P45 VISHAY-V15P45_15 Datasheet
87Kb / 6P
High Current Density Surface Mount
12-Oct-12
V10PWM10 VISHAY-V10PWM10 Datasheet
140Kb / 5P
High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.48 V at IF = 5 A
04-Mar-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com