Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLEX8000 Datasheet (PDF) - Altera Corporation

FLEX8000 Datasheet PDF - Altera Corporation
Part # FLEX8000
Download  FLEX8000 Download
File Size   979.0 Kbytes
Page   61 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description PROGRAMMABLE LOGIC DEVICES FAMILY

FLEX8000 Datasheet (PDF)

Go To PDF Page Download Datasheet
FLEX8000 Datasheet PDF - Altera Corporation

Part # FLEX8000
Download  FLEX8000 Click to download

File Size   979.0 Kbytes
Page   61 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description PROGRAMMABLE LOGIC DEVICES FAMILY

FLEX8000 Datasheet (HTML) - Altera Corporation


FLEX8000 Product details

General Description
Altera’s Flexible Logic Element MatriX (FLEX®) family combines the benefits of both erasable programmable logic devices (EPLDs) and fieldprogrammable gate arrays (FPGAs). The FLEX 8000 device family is ideal for a variety of applications because it combines the fine-grained architecture and high register count characteristics of FPGAs with the high speed and predictable interconnect delays of EPLDs. Logic is implemented in LEs that include compact 4-input look-up tables (LUTs) and programmable registers. High performance is provided by a fast, continuous network of routing resources.
   
Features...
■ Low-cost, high-density, register-rich CMOS programmable logic
    device (PLD) family (see Table 1)
    – 2,500 to 16,000 usable gates
    – 282 to 1,500 registers
■ System-level features
    – In-circuit reconfigurability (ICR) via external configuration
        devices or intelligent controller
    – Fully compliant with the peripheral component interconnect
        Special Interest Group (PCI SIG) PCI Local Bus Specification,
        Revision 2.2 for 5.0-V operation
    – Built-in Joint Test Action Group (JTAG) boundary-scan test (BST)
        circuitry compliant with IEEE Std. 1149.1-1990 on selected devices
    – MultiVoltTM I/O interface enabling device core to run at 5.0 V,
        while I/O pins are compatible with 5.0-V and 3.3-V logic levels
    – Low power consumption (typical specification is 0.5 mA or less in
        standby mode)
■ Flexible interconnect
    – FastTrack® Interconnect continuous routing structure for fast,
    predictable interconnect delays
    – Dedicated carry chain that implements arithmetic functions such
        as fast adders, counters, and comparators (automatically used by
        software tools and megafunctions)
    – Dedicated cascade chain that implements high-speed, high-fan-in
        logic functions (automatically used by software tools and
        megafunctions)
    – Tri-state emulation that implements internal tri-state nets
■ Powerful I/O pins
■ Programmable output slew-rate control reduces switching noise
■ Peripheral register for fast setup and clock-to-output delay
■ Fabricated on an advanced SRAM process
■ Available in a variety of packages with 84 to 304 pins (see Table 2)
■ Software design support and automatic place-and-route provided by
    the Altera® MAX+PLUS® II development system for Windows-based
    PCs, as well as Sun SPARCstation, HP 9000 Series 700/800, and IBM
    RISC System/6000 workstations
■ Additional design entry and simulation support provided by EDIF
    2 0 0 and 3 0 0 netlist files, library of parameterized modules (LPM),
    Verilog HDL, VHDL, and other interfaces to popular EDA tools from
    manufacturers such as Cadence, Exemplar Logic, Mentor Graphics,
    OrCAD, Synopsys, Synplicity, and Veribest
   




Similar Part No. - FLEX8000

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
FLEX8000 ALTERA-FLEX8000 Datasheet
957Kb / 62P
Programmable Logic Device Family
FLEX8000 ALTERA-FLEX8000 Datasheet
962Kb / 62P
Programmable Logic Device Family
FLEX8000 ALTERA-FLEX8000_1 Datasheet
957Kb / 62P
Programmable Logic Device Family
More results


Similar Description - FLEX8000

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7064SLC44-10N ALTERA-EPM7064SLC44-10N Datasheet
1Mb / 66P
Programmable Logic Device Family
EPF6016TC144-3 ALTERA-EPF6016TC144-3 Datasheet
405Kb / 52P
Programmable Logic Device Family
EPM7064LC68-15 ALTERA-EPM7064LC68-15 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7064STC44-10 ALTERA-EPM7064STC44-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7192SQI160-10 ALTERA-EPM7192SQI160-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EP20K30ETC144-2N ALTERA-EP20K30ETC144-2N Datasheet
724Kb / 117P
Programmable Logic Device Family
EPM3256AQI208-10 ALTERA-EPM3256AQI208-10 Datasheet
715Kb / 46P
Programmable Logic Device Family
EPM7256SQC208-15 ALTERA-EPM7256SQC208-15 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7064LC84-7 ALTERA-EPM7064LC84-7 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7160SLC84-10 ALTERA-EPM7160SLC84-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com