Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G5113 Datasheet (PDF) - List of Unclassifed Manufacturers

G5113 Datasheet PDF - List of Unclassifed Manufacturers
Part # G5113
Download  G5113 Download
File Size   61.47 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Micro-power Step-Up DC/DC Converters in SOT23-5

G5113 Datasheet (PDF)

Go To PDF Page Download Datasheet
G5113 Datasheet PDF - List of Unclassifed Manufacturers

Part # G5113
Download  G5113 Click to download

File Size   61.47 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Micro-power Step-Up DC/DC Converters in SOT23-5

G5113 Datasheet (HTML) - List of Unclassifed Manufacturers


G5113 Product details

[GMT]



General Description

The G5113 boost converter is designed for small/medium size LCD panel of high bias voltage.

Due to a typical 20µA quiescent current and 2.5V~7V supply voltage range, it is suitable for battery powered portable applications. Such as PDAs and Handheld Computers. When the IC sets to shutdown mode, it only consumes less than 1µA.

Furthermore, the 250mA current limit, 400ns fixed minimum off-time and tiny SOT23-5 package facilitates the use of smaller inductor and other surface-mount components to minimize the PCB size in those space-conscious applications.

To control the IC, no other external current is needed for the shutdown pin. It typically consumes less than 1µA of full supply range.



Features

■ Configurable Output Voltage Up to 35V

■ 20µA Quiescent Current

■ <1µA Shutdown Current

■ <1µA Shutdown Pin Current

■ Supply Rage from 2.5V to 7V

■ Low VDSSAT: 200mV (ISW=200mA)

■ Tiny SOT23-5 Package



Applications

■ STN/TFT LCD Bias

■ Personal Digital Assistants (PDAs)

■ Handheld Computers

■ Digital Still Cameras

■ Cellular Phones

■ WebPad

■ White LED Driver

■ Local 3V to 5V Conversion



 




Similar Part No. - G5113

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5110 GMT-G5110 Datasheet
91Kb / 1P
600k/1.2MHz TFT-LCD Step-Up DC-DC Converter
logo
Heyco.
G5110 HEYCO-G5110 Datasheet
118Kb / 1P
Tapered Caps and Plugs–NPT
logo
E-SWITCH
G511000 E-SWITCH-G511000 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
G511001 E-SWITCH-G511001 Datasheet
58Kb / 1P
ALL DIMENSIONS IN MM [INCH]
G511003 E-SWITCH-G511003 Datasheet
135Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Similar Description - G5113

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1210N302C RICOH-R1210N302C Datasheet
217Kb / 20P
SOT23-5 PWM Step-up DC/DC Converter?
logo
Maxim Integrated Produc...
MAX1722 MAXIM-MAX1722 Datasheet
292Kb / 12P
1.5uA IQ, Step-Up DC-DC Converters in Thin SOT23-5
19-1735; Rev 0; 7/01
MAX1733 MAXIM-MAX1733 Datasheet
265Kb / 8P
Low-Voltage, Step-Down DC-DC Converters in SOT23
19-1586; Rev 0; 7/00
MAX5025 MAXIM-MAX5025 Datasheet
258Kb / 13P
500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 1; 12/01
logo
List of Unclassifed Man...
G5111 ETC-G5111 Datasheet
89Kb / 5P
Micro-power Step-Up DC/DC Converters in SOT23-5
logo
Global Mixed-mode Techn...
G5103 GMT-G5103 Datasheet
288Kb / 8P
Micro-power Step-Up DC/DC Converters in SOT-23-5
G5111 GMT-G5111_04 Datasheet
431Kb / 8P
Micro-power Step-Up DC/DC Converters in SOT-23-5
logo
Maxim Integrated Produc...
MAX5025 MAXIM-MAX5025_09 Datasheet
346Kb / 13P
500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
MAX1722 MAXIM-MAX1722_12 Datasheet
495Kb / 12P
1.5μA IQ, Step-Up DC-DC Converters in Thin SOT23-5
Rev 1; 9/12
MAX5028EUT MAXIM-MAX5028EUT Datasheet
346Kb / 13P
500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com