Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST Datasheet (PDF) - Vishay Siliconix

SST Datasheet PDF - Vishay Siliconix
Part # SST
Download  SST Download
File Size   91.26 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel JFETs

SST Datasheet (PDF)

Go To PDF Page Download Datasheet
SST Datasheet PDF - Vishay Siliconix

Part # SST
Download  SST Click to download

File Size   91.26 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel JFETs

SST Datasheet (HTML) - Vishay Siliconix


SST Product details

• Excellent High Frequency Gain:
Gps 11.5 dB @ 450 MHz
• Very Low Noise: 2.7 dB @ 450 MHz
• Very Low Distortion
• High ac/dc Switch Off-Isolation




Similar Part No. - SST

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SST MACOM-SST Datasheet
148Kb / 1P
Industrial Grade Discrete Plug-in
logo
Multicomp Pro
SST-006-2025-CLR MULTICOMP-SST-006-2025-CLR Datasheet
163Kb / 2P
Single Wall PTFE Heat Shrink Tubing
17/05/23 V1.1
SST-006-6025-CLR MULTICOMP-SST-006-6025-CLR Datasheet
163Kb / 2P
Single Wall PTFE Heat Shrink Tubing
17/05/23 V1.1
SST-008-2025-CLR MULTICOMP-SST-008-2025-CLR Datasheet
163Kb / 2P
Single Wall PTFE Heat Shrink Tubing
17/05/23 V1.1
SST-008-6025-CLR MULTICOMP-SST-008-6025-CLR Datasheet
163Kb / 2P
Single Wall PTFE Heat Shrink Tubing
17/05/23 V1.1
More results


Similar Description - SST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
J105 VISHAY-J105 Datasheet
39Kb / 5P
N-Channel JFETs
04-Jun-01
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
N-Channel JFETs
04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
N-Channel JFETs
24-Jan-05
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
N-Channel JFETs
04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
N-Channel JFETs
24-Jan-05
2N5432 VISHAY-2N5432_07 Datasheet
74Kb / 6P
N-Channel JFETs
04-Jun-01
2N4391 VISHAY-2N4391 Datasheet
82Kb / 7P
N-Channel JFETs
04-Jan-01
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
N-Channel JFETs
04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
N-Channel JFETs
04-Jun-01
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
N-Channel JFETs
28-Jun-04
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com