Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT30J101 Datasheet (PDF) - Toshiba Semiconductor

GT30J101 Datasheet PDF - Toshiba Semiconductor
Part # GT30J101
Download  GT30J101 Download
File Size   291.77 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon N Channel IGBT

GT30J101 Datasheet (PDF)

Go To PDF Page Download Datasheet
GT30J101 Datasheet PDF - Toshiba Semiconductor

Part # GT30J101
Download  GT30J101 Click to download

File Size   291.77 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon N Channel IGBT

GT30J101 Datasheet (HTML) - Toshiba Semiconductor


GT30J101 Product details

Discrete IGBTs (PDF:875KB) 03/2011 :
http://toshiba.semicon-storage.com/info/docget.jsp?did=7429

* GT30G124

- Breakdown Voltage VCES(V) @Ta = 25C  :  430V

- IGBT Current Rating IC(A) @Ta = 25C : 200A



* GT30J124

- Breakdown Voltage VCES(V) @Ta = 25C  :  600V

- IGBT Current Rating IC(A) @Ta = 25C : 200A

Applications and Features : Plasma display panels




Similar Part No. - GT30J101

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT30J101 TOSHIBA-GT30J101 Datasheet
193Kb / 6P
Silicon N Channel IGBT High Power Switching Applications
GT30J101 TOSHIBA-GT30J101 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
GT30J101 TOSHIBA-GT30J101_06 Datasheet
193Kb / 6P
Silicon N Channel IGBT High Power Switching Applications
More results


Similar Description - GT30J101

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SH11 HITACHI-2SH11 Datasheet
41Kb / 8P
Silicon N-Channel IGBT
2SH12 HITACHI-2SH12 Datasheet
43Kb / 8P
Silicon N-Channel IGBT
2SH13 HITACHI-2SH13 Datasheet
43Kb / 8P
Silicon N-Channel IGBT
2SH15 HITACHI-2SH15 Datasheet
43Kb / 8P
Silicon N-Channel IGBT
2SH17 HITACHI-2SH17 Datasheet
41Kb / 8P
Silicon N-Channel IGBT
2SH22 HITACHI-2SH22 Datasheet
42Kb / 8P
Silicon N-Channel IGBT
logo
Toshiba Semiconductor
MIG75J101H TOSHIBA-MIG75J101H Datasheet
198Kb / 8P
Silicon N Channel IGBT
logo
Hitachi Semiconductor
MBN400C20 HITACHI-MBN400C20 Datasheet
63Kb / 4P
Silicon N-channel IGBT
MBN400C33A HITACHI-MBN400C33A Datasheet
56Kb / 4P
Silicon N-channel IGBT
logo
Toshiba Semiconductor
MG150J1ZS50 TOSHIBA-MG150J1ZS50 Datasheet
226Kb / 6P
Silicon N Channel IGBT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com